Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2041 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2041
Description  Single Channel Low Voltage Power Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2041 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2041 Datasheet HTML 5Page - Micrel Semiconductor MIC2041 Datasheet HTML 6Page - Micrel Semiconductor MIC2041 Datasheet HTML 7Page - Micrel Semiconductor MIC2041 Datasheet HTML 8Page - Micrel Semiconductor MIC2041 Datasheet HTML 9Page - Micrel Semiconductor MIC2041 Datasheet HTML 10Page - Micrel Semiconductor MIC2041 Datasheet HTML 11Page - Micrel Semiconductor MIC2041 Datasheet HTML 12Page - Micrel Semiconductor MIC2041 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
January 2005
9
M9999-012004
MIC2040/2041
Micrel
Functional Characteristics
Turn-On Response
TIME (1ms/div.)
V
IN = VBIAS =5V
R
LOAD = 5Ω
C
LOAD = 47µF
Turn-Off Response
TIME (500µs/div.)
V
IN = VBIAS = 5V
R
LOAD = 5Ω
C
LOAD = 47µF
Latched Output - MIC2041
TIME (5ms/div.)
V
IN = VBIAS = 5V
R
LOAD = 35Ω
C
LOAD = 57µF
Latched Output Reset - MIC2041
TIME (50ms/div.)
V
IN = VBIAS = 5V
R
LOAD = 35Ω
C
LOAD = 57µF
Current-Limit Response
TIME (5ms/div.)
V
IN = VBIAS = 5V
R
LOAD = 3.5Ω
C
LOAD = 47µF
UVLO Response
TIME (10ms/div.)
V
EN ramps 0 to 1.6V
R
LOAD = 1.6Ω
C
LOAD = 47µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com