Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2041 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2041
Description  Single Channel Low Voltage Power Distribution Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2041 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2041 Datasheet HTML 7Page - Micrel Semiconductor MIC2041 Datasheet HTML 8Page - Micrel Semiconductor MIC2041 Datasheet HTML 9Page - Micrel Semiconductor MIC2041 Datasheet HTML 10Page - Micrel Semiconductor MIC2041 Datasheet HTML 11Page - Micrel Semiconductor MIC2041 Datasheet HTML 12Page - Micrel Semiconductor MIC2041 Datasheet HTML 13Page - Micrel Semiconductor MIC2041 Datasheet HTML 14Page - Micrel Semiconductor MIC2041 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
January 2005
13
M9999-012004
MIC2040/2041
Micrel
Applications Information
Input and Output
Supply Bypass Filtering
The need for input supply bypass is brought about due to
several factors, most notably the input/output inductance
along the power path, operating current and current limit, and
output capacitance. A 0.1µF to 0.47µF bypass capacitor
positioned very close to the VIN pin to GND of the device is
strongly recommended to filter high frequency oscillations
due to inductance. Also, a sufficient bypass capacitor posi-
tioned close to the input source to the switch is strongly
advised in order to suppress supply transient spikes and to
limit input voltage droop. Inrush current increases with larger
output capacitance, thus the minimum value of this capacitor
will require experimental determination for the intended appli-
cation and design. A good starting point is a capacitor
between 4.7µF to 15µF. Without these bypass capacitors, an
extreme overload condition such as a short circuit, or a large
capacitive load, may cause either the input supply to exceed
the maximum rating of 6V and possibly cause damage to the
internal control circuitry or allow the input supply to droop and
fall out of regulation and/or below the minimum operating
voltage of the device.
Output Capacitance
When the MIC2040 die exceeds the overtemperature thresh-
old of approximately 140°C, the device can enter into a
thermal shutdown mode if the die temperature falls below
120°C and then rises above 140°C in a continuous cycle.
With the V
OUT and /FAULT outputs cycling on and off, the
MIC2040 will reset the /FAULT while in an overtemperature
fault condition if the output voltage is allowed to swing below
ground. The inductance present at the output must be neu-
tralized by capacitance in order to ensure that the output does
not fall below ground. In order to counter the board parasitic
inductance and the inductance of relatively short-length
(<1 ft., 16 - 20 gauge wire), a minimum output capacitance of
22µF is strongly recommended and should be placed close
to the V
OUT pin of the MIC2040. For applications that use
more than a foot of cable, an additional 10µF/ft. is recom-
mended.
Reverse Current Block
The MIC2040/41 provides reverse current flow block through
the output MOSFET if the voltage at VOUT is greater than VIN
when the device is disabled. The VBIAS supply has a limited
reverse current flow if the voltage at VOUT is pulled above
VBIAS when the device is disabled. The reverse current for
VBIAS can be completely blocked by inserting a Schottky
diode from the VBIAS pin (cathode) to the supply (anode).
However, the minimum voltage of 1.6V must be supplied to
VBIAS after accounting for the voltage drop across the diode.
UVLO Threshold Setting With Low Input Voltages
When the switching voltage is below 1.6V, the device’s
standard UVLO threshold (1.45V nominal) will hinder the
output MOSFET in switching VIN to VOUT. In this case, the
use of the UVLOIN pin is required to override the standard
UVLO threshold and set a new, lower threshold for the lower
input operating voltages. An external resistive divider net-
work connected at the UVLOIN pin is used to set the new
threshold. Due to the ratio of the internal components, the
total series resistance of the external resistive divider should
not exceed 200kΩ. The circuit shown in Figure 4 illustrates an
application that switches 0.8V while the device is powered
from a separate 2.5V power supply. The UVLO threshold is
set by the following equation.
V
0.23V
1
R2
R3
UVTH =×
+
(3)
In substituting the resistor values from Figure 4, the resulting
UVLO threshold (V
UVTH) is calculated as 0.6V for this 0.8V
switching application. When using the UVLOIN pin to set a
new UVLO threshold, an optional 0.1µF to 1.0µF capacitor
from UVLOIN to GND may be used as a glitch filter in order
to avoid nuisance tripping of the UVLO threshold. If the
UVLOIN pin is not in use, this pin should be left open
(floating). The use of a pull-down resistor to ground will offset
the ratio of the internal resistive divider to this pin resulting in
a shift in the UVLO threshold. To bypass (disable) UVLO,
connect the UVLOIN pin directly to the VIN pin of the
MIC2040/41.
7,9
8
1
3
5
8,10
2
RSET
220
Ω
C1
0.1
µF
10
MIC2040-1BM
VBIAS
VIN
EN
/FAULT
UVLOIN
VOUT
ILIM
GND
R1
47k
Ω
R4
75k
Ω
1%
R5
36.5k
Ω
1%
CLOAD
22
µF
VOUT
0.8V @1.25A
R6
47k
Ω
Digital
Output
Signal
C3
10
µF
C2
0.1
µF
VIN
0.8V
VDD
2.5V
R2
95.3k
Ω
1%
R3
59k
Ω
1%
Note:
Both V
IN pins (7, 9) must be externally tied together.
Both V
OUT pins (8, 10) must be externally tied together.
Undervoltage Lockout = 0.6V.
Figure 4. Lower UVLO Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com