Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC358 Datasheet (PDF) - Sharp Corporation

PC358 Datasheet PDF - Sharp Corporation
Part # PC358
Download  PC358 Download
File Size   82.64 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Mini-Flat Package,High Collector-emitter Voltage Type Photocoupler

PC358 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC358 Datasheet PDF - Sharp Corporation

Part # PC358
Download  PC358 Click to download

File Size   82.64 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Mini-Flat Package,High Collector-emitter Voltage Type Photocoupler

PC358 Datasheet (HTML) - Sharp Corporation


PC358 Product details

■Features

1. High collector-emitter voltage

(PC358•••VCEO : 120V,  PC356NT•••VCEO: 80V)

2. Opaque type, mini-flat package

PC358NT/PC358 (1-channel)

3. Subminiature type

(The volume is smaller than that of our conventional DIP type by as far as 30%.)

4. Isolation voltage between input and output

PC356NT/PC358•••Viso: 3 750Vrms

5. Recognized by UL (No. E64380)




Similar Part No. - PC358

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PC358 MULTICOMP-PC358 Datasheet
19Kb / 1P
Pushwire 8 way
24/9/07 REV A
logo
P-tec Corporation
PC358-O P-TEC-PC358-O Datasheet
237Kb / 2P
PC358-O
logo
Renesas Technology Corp
PC358MF-DAA RENESAS-PC358MF-DAA_15 Datasheet
347Kb / 10P
Bipolar Analog Integrated Circuit
More results


Similar Description - PC358

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3Q66Q SHARP-PC3Q66Q Datasheet
45Kb / 4P
Mini-flat Package, High Collector-Emitter Voltage Type Half Pitch Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC851 SHARP-PC851 Datasheet
65Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC316 SHARP-PC316 Datasheet
157Kb / 4P
OPAQUE MINI PACKAGE HIGH COLLECTOR EMITTER VOLTAGE TYPE PHOTOCOUPLER
PC451J00000F SHARP-PC451J00000F Datasheet
240Kb / 14P
Mini-flat Package, High Collector-emitter Voltage Photocoupler
PC452J00000F SHARP-PC452J00000F Datasheet
233Kb / 14P
Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC4H510NIP0F SHARP-PC4H510NIP0F Datasheet
194Kb / 12P
Mini-flat Half-pitch Package, High Collector-emitter Voltage High Collector-emitter Voltage
PC452TEJ000F SHARP-PC452TEJ000F Datasheet
223Kb / 14P
Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com