Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC358 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC358
Description  Mini-Flat Package,High Collector-emitter Voltage Type Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC358 Datasheet(HTML) 1 Page - Sharp Corporation

  PC358 Datasheet HTML 1Page - Sharp Corporation PC358 Datasheet HTML 2Page - Sharp Corporation PC358 Datasheet HTML 3Page - Sharp Corporation PC358 Datasheet HTML 4Page - Sharp Corporation PC358 Datasheet HTML 5Page - Sharp Corporation PC358 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2. Opaque type, mini-flat package
( The volume is smaller than that of our
4. Isolation voltage between input and output
s Applications
2. Programmable controllers
1. Hybrid substrates that require high density
1. High collector-emitter voltage
PC356NT /
mounting
conventional DIP type by as far as 30%.)
PC356NT /
•••V iso
s Features
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
Type Photocoupler
Mini-Flat Package,
High Collector-emitter Voltage
3. Subminiature type
PC356NT/PC358
PC356NT/PC358
PC358
s Outline Dimensions
(Unit : mm )
Input side
diagram
Internal connection
Anode
C0.4
mark
6˚
3
4
2
1
12
3
4
1 Anode
2 Cathode
3 Emitter
4 Collector
Model No.
356/358
PC356NT/PC358
s Package Specifications
Model No.
Package specifications
PC356NT
PC358
Taping reel diameter 370mm ( 3000pcs. )
Taping reel diameter 178mm ( 750pcs. )
: 3 750Vrms
2.54 ± 0.25
0.4 ± 0.1
3.6 ± 0.3
5.3 ± 0.3
7.0
+ 0.2
- 0.7
0.5
+ 0.4
- 0.2
( PC358 •••VCEO : 120V, PC356NT •••VCEO : 80V )
5. Recognized by UL ( No. E64380 )
PC358 (1-channel )


Similar Part No. - PC358

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PC358 MULTICOMP-PC358 Datasheet
19Kb / 1P
Pushwire 8 way
24/9/07 REV A
logo
P-tec Corporation
PC358-O P-TEC-PC358-O Datasheet
237Kb / 2P
PC358-O
logo
Renesas Technology Corp
PC358MF-DAA RENESAS-PC358MF-DAA_15 Datasheet
347Kb / 10P
Bipolar Analog Integrated Circuit
More results

Similar Description - PC358

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3Q66Q SHARP-PC3Q66Q Datasheet
45Kb / 4P
Mini-flat Package, High Collector-Emitter Voltage Type Half Pitch Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC851 SHARP-PC851 Datasheet
65Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC316 SHARP-PC316 Datasheet
157Kb / 4P
OPAQUE MINI PACKAGE HIGH COLLECTOR EMITTER VOLTAGE TYPE PHOTOCOUPLER
PC451J00000F SHARP-PC451J00000F Datasheet
240Kb / 14P
Mini-flat Package, High Collector-emitter Voltage Photocoupler
PC452J00000F SHARP-PC452J00000F Datasheet
233Kb / 14P
Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC4H510NIP0F SHARP-PC4H510NIP0F Datasheet
194Kb / 12P
Mini-flat Half-pitch Package, High Collector-emitter Voltage High Collector-emitter Voltage
PC452TEJ000F SHARP-PC452TEJ000F Datasheet
223Kb / 14P
Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com