Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC358 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC358
Description  Mini-Flat Package,High Collector-emitter Voltage Type Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC358 Datasheet(HTML) 6 Page - Sharp Corporation

  PC358 Datasheet HTML 1Page - Sharp Corporation PC358 Datasheet HTML 2Page - Sharp Corporation PC358 Datasheet HTML 3Page - Sharp Corporation PC358 Datasheet HTML 4Page - Sharp Corporation PC358 Datasheet HTML 5Page - Sharp Corporation PC358 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
10%
90%
Output
Input
Input
Output
RL
VCC
RD
ts
td
tr
tf
7.0mA
5.0mA
3.0mA
1.0mA
4.8
3.6
2.4
1.2
0
15
12
9
6
3
7mA
5mA
3mA
1mA
4.8
3.6
2.4
1.2
0
15
12
9
6
3
0
Forward current I F ( mA)
Fig.13-a Collector-emitter Saturation
Voltage vs. Forward Current
(PC356NT)
Voltage vs. Forward Current
Test Circuit for Response Time
Fig.13-b Collector-emitter Saturation
(PC358 )
30 seconds
230˚C
200˚C
180˚C
25˚C
2 minutes
1.5 minutes
1 minute
1 minute
s Temperature Profile of Soldering Reflow
( 1) One time soldering reflow is recommended
within the condition of temperature and
time profile shown below.
( 2) When using another soldering method such
as infrared ray lamp, the temperature may
rise partially in the mold of the device.
Keep the temperature on the package of
the device within the condition of above ( 1) .
PC356NT/PC358
Ta = 25˚C
IC = 0.5mA
Ta = 25˚C
IC = 0.5mA
Please refer to the chapter
Forward current I F ( mA)
“ Precautions for Use ” .
q



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com