Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC358 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC358
Description  Mini-Flat Package,High Collector-emitter Voltage Type Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC358 Datasheet(HTML) 5 Page - Sharp Corporation

  PC358 Datasheet HTML 1Page - Sharp Corporation PC358 Datasheet HTML 2Page - Sharp Corporation PC358 Datasheet HTML 3Page - Sharp Corporation PC358 Datasheet HTML 4Page - Sharp Corporation PC358 Datasheet HTML 5Page - Sharp Corporation PC358 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
100
-30
020
40
60
80
0
0.08
0.16
0.06
0.04
0.02
0.10
0.12
0.14
100
-30
020
40
60
80
5
5
5
5
5
5
100
20
5
1
0.1
10
2
0.5
0.2
50
200
500
10
1
0.1
0.01
10 -5
10 -6
10 -7
10 -8
10 -9
10 -10
L ( k Ω )
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
10 -11
t s
t d
t r
t f
vs. Ambient Temperature
100
-30
020
40
60
80
0
0.08
0.16
0.06
0.04
0.02
0.10
0.12
0.14
Ambient temperature Ta (˚C)
Fig.10-a Collector-emitter Saturation Voltage
vs. Ambient Temperature
(PC356NT)
Fig.10-b Collector-emitter Saturation Voltage
(PC358)
Ambient Temperature
100
-30
020
40
60
80
5
5
5
5
5
5
10 -5
10 -6
10 -7
10 -8
10 -9
10 -10
Ambient temperature Ta (˚C)
10 -11
Ambient Temperature
Fig.11-a Collector Dark Current vs.
(PC356NT)(PC358)
Fig.11-b Collector Dark Current vs.
0.01
0.1
1
10
10
0.1
1
100
100
L ( k Ω )
(PC356NT)(PC358)
PC356NT/PC358
IF = 20mA
IC = 1mA
V CE = 20V
V CE =2V
IC = 2mA
Ta = 25˚C
t r
t f
t d
t s
IF = 20mA
IC = 1mA
V CE =2V
IC = 2mA
Ta = 25˚C
V CE = 40V
Fig.12-a Response Time vs. Load Resistance
Fig.12-b Response Time vs. Load Resistance
Load resistance R
Load resistance R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com