Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC358 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC358
Description  Mini-Flat Package,High Collector-emitter Voltage Type Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC358 Datasheet(HTML) 2 Page - Sharp Corporation

  PC358 Datasheet HTML 1Page - Sharp Corporation PC358 Datasheet HTML 2Page - Sharp Corporation PC358 Datasheet HTML 3Page - Sharp Corporation PC358 Datasheet HTML 4Page - Sharp Corporation PC358 Datasheet HTML 5Page - Sharp Corporation PC358 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
*3 For 10 senconds
(Ta = 25˚C )
Symbol
Rating
Unit
IF
50
mA
1A
6V
70
mW
80
V
V
120
6V
50
mA
150
mW
170
mW
˚C
˚C
260
˚C
(Ta = 25˚C )
V R
P
V CEO
V ECO
IC
P C
I FM
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
Reverse current
Terminal capacitance
IR
Ct
V R =4V
-
-
-
30
10
250
µ A
pF
Collector dark current
ICEO
V CE
F
=0
--
A
BV CEO
IC = 0.1mA, I F =0
--
V
Emitter-collector breakdown voltage
BV ECO
I= 10
µA, I = 0
6
-
-
V
Current transfer ratio
CTR
-
400
%
-%
Collector-emitter saturation voltage
IF = 20mA, I C = 1mA
-
0.2
V
Isolation resistance
R ISO
5x 1010
-
Ω
Floating capacitance
Cf
V = 0, f = 1MHz
-
0.6
1.0
pF
Response
time
Rise time
t r
V CE = 2V, I C = 2mA
RL = 100
Ω
-6
-
µ s
-18
µ s
Fall time
-8
-
µ s
-18
µ s
P tot
V iso
T opr
T stg
T sol
- 30 to + 100
- 40 to + 125
Input
Output
Transfer-
charac-
teristics
V CE(sat)
Parameter
Forward current
*1 Peak forward current
Reverse voltage
Power dissipation
Collector-emitter
voltage
PC356NT
Emitter-collector voltage
Collector current
Collector power dissipation
Total power dissipation
Operating temperature
Storage temperature
*3 Soldering temperature
Input
Output
s Absolute Maximum Ratings
s Electro-optical Characteristics
tf
*1 Pulse width<=100
µs, Duty ratio : 0.001
Soldering area
= 40V, I
I
=5V
F
CE
EF
I
=5V
F
CE
= 5mA, V
= 1mA, V
100
50
600
-
PC356NT/PC358
PC358
3 750
*2 40 to 60% RH, AC for 1 minute
PC356NT
PC358
PC356NT
PC358
PC356NT
PC358
PC356NT
PC358
V CE
F
=0
= 20V, I
1x 10 -7
1011
4
3
DC500V, 40 to 60% RH
*2 Isolation voltage
V = 0, f = 1kHz
V rms
Collector-emitter
breakdown voltage
PC356NT
PC358
80
--
120



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com