Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC358 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC358
Description  Mini-Flat Package,High Collector-emitter Voltage Type Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC358 Datasheet(HTML) 4 Page - Sharp Corporation

  PC358 Datasheet HTML 1Page - Sharp Corporation PC358 Datasheet HTML 2Page - Sharp Corporation PC358 Datasheet HTML 3Page - Sharp Corporation PC358 Datasheet HTML 4Page - Sharp Corporation PC358 Datasheet HTML 5Page - Sharp Corporation PC358 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
50
40
20
10
0
10
8
6
4
2
0
30
1mA
5mA
10mA
20mA
300
0
100
200
400
500
0.1
1
10
100
100
10
1
0.1
200
160
80
40
0
120
50
20
60
100
140
180
Forward current I F ( mA )
Forward current IF ( mA )
Collector-emitter voltage VCE ( V)
Fig. 7-a Current Transfer Ratio vs.
Forward Current
(PC356NT)
Forward Current
Fig. 8-a Collector Current vs.
Collector-emitter Voltage
(PC356NT)
PC356NT/PC358
Fig. 7-b Current Transfer Ratio vs.
(PC358 )
20mA
10mA
5mA
18
0
1.8
3.6
5.4
7.2
9.0
0
6
12
24
30
Collector-emitter voltage VCE ( V)
Collector-emitter Voltage
(PC358)
Fig. 8-b Collector Current vs.
100
20
0
-30
150
100
50
40
0
60
80
Ambient temperature Ta (˚C)
Fig. 9-a Relative Current Transfer Ratio vs.
Ambient Temperature
(PC356NT)
150
100
50
80
60
40
20
0
-30
100
Ambient temperature T a (˚C)
Fig. 9-b Relative Current Transfer Ratio vs.
Ambient Temperature
(PC358 )
V CE =5V
Ta = 25˚C
Ta = 25˚C
PC = 150mW
I F
=
30mA
I F = 1mA
V CE =5V
V CE =5V
Ta = 25˚C
IF = 30mA
I F = 5mA
V CE =5V
Pc=150mW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com