Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC40SA50FK Datasheet (PDF) - Vishay Siliconix

FC40SA50FK Datasheet PDF - Vishay Siliconix
Part # FC40SA50FK
Download  FC40SA50FK Download
File Size   194.83 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET, 40 A

FC40SA50FK Datasheet (PDF)

Go To PDF Page Download Datasheet
FC40SA50FK Datasheet PDF - Vishay Siliconix

Part # FC40SA50FK
Download  FC40SA50FK Click to download

File Size   194.83 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET, 40 A

FC40SA50FK Datasheet (HTML) - Vishay Siliconix


FC40SA50FK Product details

FEATURES
• Low gate charge Qg results in simple drive requirement
• Improved gate, avalanche and dynamic dV/dt ruggedness
• Fully characterized capacitance and avalanche voltage and current
• Low RDS(on)
• Fully insulated package
• UL pending
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level

APPLICATIONS
• Switch mode power supply (SMPS)
• Uninterruptible power supply
• High speed power switching
• Hard switched and high frequency circuits




Similar Part No. - FC40SA50FK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
FC40SA50FK IRF-FC40SA50FK Datasheet
122Kb / 8P
HEXFET Power MOSFET
More results


Similar Description - FC40SA50FK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5805N ONSEMI-NTD5805N_12 Datasheet
143Kb / 6P
Power MOSFET 40 V, 51 A, Single N.Channel, DPAK
April, 2012 ??Rev. 4
NTMFS5832NL ONSEMI-NTMFS5832NL Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5832NLT1G ONSEMI-NTMFS5832NLT1G Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5830NLT1G ONSEMI-NTMFS5830NLT1G Datasheet
114Kb / 6P
Power MOSFET 40 V, 172 A, 2.3 m
June, 2012 ??Rev. 2
NTMFS5C410NL ONSEMI-NTMFS5C410NL Datasheet
81Kb / 6P
Power MOSFET 40 V, 302 A, Single N?묬hannel
July, 2014 ??Rev. 1
NTMFS5C442NL ONSEMI-NTMFS5C442NL Datasheet
83Kb / 6P
Power MOSFET 40 V, 121 A, Single N.Channel
June, 2014 ??Rev. 0
logo
Vishay Siliconix
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_15 Datasheet
273Kb / 10P
Power MOSFET, 40 A
13-Aug-13
VS-FA40SA50LC VISHAY-VS-FA40SA50LC Datasheet
307Kb / 10P
Power MOSFET, 40 A
01-Jun-16
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V01 Datasheet
210Kb / 10P
Power MOSFET, 40 A
02-Oct-2018
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V02 Datasheet
210Kb / 10P
Power MOSFET, 40 A
02-Oct-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com