Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC40SA50FK Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FC40SA50FK
Description  Power MOSFET, 40 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FC40SA50FK Datasheet(HTML) 3 Page - Vishay Siliconix

  FC40SA50FK Datasheet HTML 1Page - Vishay Siliconix FC40SA50FK Datasheet HTML 2Page - Vishay Siliconix FC40SA50FK Datasheet HTML 3Page - Vishay Siliconix FC40SA50FK Datasheet HTML 4Page - Vishay Siliconix FC40SA50FK Datasheet HTML 5Page - Vishay Siliconix FC40SA50FK Datasheet HTML 6Page - Vishay Siliconix FC40SA50FK Datasheet HTML 7Page - Vishay Siliconix FC40SA50FK Datasheet HTML 8Page - Vishay Siliconix FC40SA50FK Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 94542
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 12-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
FC40SA50FKP
Power MOSFET, 40 A
Vishay Semiconductors
Notes
(1) Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11)
(2) Pulse width
≤ 300 μs; duty cycle ≤ 2 %
Fig. 1 - Typical Output Characteristics
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
DIODE CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Continuous source current
(body diode)
IS
MOSFET symbol
showing the integral reverse
p-n junction diode
--
40
A
Pulsed source current (body diode)
ISM (1)
-
-
160
Diode forward voltage
VSD (2)
TJ = 25 °C, IS = 40 A, VGS = 0 V
-
-
1
V
Reverse recovery time
trr (2)
TJ = 25 °C, IF = 47 A; dI/dt = 100 A/μs
-
620
940
ns
Reverse recovery charge
Qrr
-14
21
μC
Reverse recovery current
IRRM
TJ = 25 °C
-
38
-
A
Forward turn-on time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS + LD)
S
D
G
0.01
0.1
1
10
100
1000
0.1
1
10
100
V
GS
TO P
15
10
8.0
7.0
6.0
5.5
BO TTO M 5.0
5 V
20 μs PULSE WIDTH
TJ=25°C
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
0.1
1
10
100
V
GS
TO P
15
10
8.0
7.0
6.0
5.5
5.0
BOTTOM 4.5
4.5 V
20 μs PULSE
WIDTH
T150°C
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
4
5
6
7
8
9
10
11
12
V
GS, Gate-to-Source V oltage (V )
T
J=150°C
T
J=25°C
V
DS=20V
20μs PULSE WIDTH
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-60 -40 -20
0
20
40
60
80 100 120 140 160
T
J, Junction Temperature (°C)
V
GS =10V
I
D=24A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com