Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC40SA50FK Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FC40SA50FK
Description  Power MOSFET, 40 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FC40SA50FK Datasheet(HTML) 1 Page - Vishay Siliconix

  FC40SA50FK Datasheet HTML 1Page - Vishay Siliconix FC40SA50FK Datasheet HTML 2Page - Vishay Siliconix FC40SA50FK Datasheet HTML 3Page - Vishay Siliconix FC40SA50FK Datasheet HTML 4Page - Vishay Siliconix FC40SA50FK Datasheet HTML 5Page - Vishay Siliconix FC40SA50FK Datasheet HTML 6Page - Vishay Siliconix FC40SA50FK Datasheet HTML 7Page - Vishay Siliconix FC40SA50FK Datasheet HTML 8Page - Vishay Siliconix FC40SA50FK Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document Number: 94542
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 12-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Power MOSFET, 40 A
FC40SA50FKP
Vishay Semiconductors
FEATURES
• Low gate charge Qg results in simple drive
requirement
• Improved gate, avalanche and dynamic dV/dt
ruggedness
• Fully characterized capacitance and avalanche voltage
and current
•Low RDS(on)
• Fully insulated package
• UL pending
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
APPLICATIONS
• Switch mode power supply (SMPS)
• Uninterruptible power supply
• High speed power switching
• Hard switched and high frequency circuits
Notes
(1) Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11)
(2) ISD
≤ 40 A, dI/dt ≤ 150 A/μs, VDD ≤ V(BR)DSS, TJ ≤ 150 °C
Notes
(1) Starting TJ = 25 °C, L = 1.55 mH, Rg = 25
Ω, IAS = 40 A, dV/dt = 5.5 V/ns (see fig. 12a)
(2) Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11)
PRODUCT SUMMARY
VDSS
500 V
RDS(on) (typical)
0.084
Ω
ID
40 A
Type
Modules - MOSFET
Package
SOT-227
SOT-227
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Continuous drain current, VGS at 10 V
ID
TC = 25 °C
40
A
TC = 100 °C
26
Pulsed drain current
IDM (1)
160
Power dissipation
PD
TC = 25 °C
430
W
Linear derating factor
3.45
W/°C
Gate to source voltage
VGS
± 30
V
Peak diode recovery dV/dt
dV/dt (2)
9.0
V/ns
Operating junction and storage temperature range
TJ, TStg
- 55 to + 150
°C
AVALANCHE CHARACTERISTICS
PARAMETER
SYMBOL
TYP.
MAX.
UNITS
Single pulse avalanche energy
EAS (1)
-
1240
mJ
Avalanche current
IAR (2)
-40
A
Repetitive avalanche energy
EAR (2)
-43
mJ


Similar Part No. - FC40SA50FK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
FC40SA50FK IRF-FC40SA50FK Datasheet
122Kb / 8P
HEXFET Power MOSFET
More results

Similar Description - FC40SA50FK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5805N ONSEMI-NTD5805N_12 Datasheet
143Kb / 6P
Power MOSFET 40 V, 51 A, Single N.Channel, DPAK
April, 2012 ??Rev. 4
NTMFS5832NL ONSEMI-NTMFS5832NL Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5832NLT1G ONSEMI-NTMFS5832NLT1G Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5830NLT1G ONSEMI-NTMFS5830NLT1G Datasheet
114Kb / 6P
Power MOSFET 40 V, 172 A, 2.3 m
June, 2012 ??Rev. 2
NTMFS5C410NL ONSEMI-NTMFS5C410NL Datasheet
81Kb / 6P
Power MOSFET 40 V, 302 A, Single N?묬hannel
July, 2014 ??Rev. 1
NTMFS5C442NL ONSEMI-NTMFS5C442NL Datasheet
83Kb / 6P
Power MOSFET 40 V, 121 A, Single N.Channel
June, 2014 ??Rev. 0
logo
Vishay Siliconix
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_15 Datasheet
273Kb / 10P
Power MOSFET, 40 A
13-Aug-13
VS-FA40SA50LC VISHAY-VS-FA40SA50LC Datasheet
307Kb / 10P
Power MOSFET, 40 A
01-Jun-16
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V01 Datasheet
210Kb / 10P
Power MOSFET, 40 A
02-Oct-2018
VS-FA40SA50LC VISHAY-VS-FA40SA50LC_V02 Datasheet
210Kb / 10P
Power MOSFET, 40 A
02-Oct-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com