Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC40SA50FK Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FC40SA50FK
Description  Power MOSFET, 40 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FC40SA50FK Datasheet(HTML) 2 Page - Vishay Siliconix

  FC40SA50FK Datasheet HTML 1Page - Vishay Siliconix FC40SA50FK Datasheet HTML 2Page - Vishay Siliconix FC40SA50FK Datasheet HTML 3Page - Vishay Siliconix FC40SA50FK Datasheet HTML 4Page - Vishay Siliconix FC40SA50FK Datasheet HTML 5Page - Vishay Siliconix FC40SA50FK Datasheet HTML 6Page - Vishay Siliconix FC40SA50FK Datasheet HTML 7Page - Vishay Siliconix FC40SA50FK Datasheet HTML 8Page - Vishay Siliconix FC40SA50FK Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94542
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 12-May-10
FC40SA50FKP
Vishay Semiconductors
Power MOSFET, 40 A
Note
(1) Pulse width
≤ 300 μs; duty cycle ≤ 2 %
Notes
(1) Pulse width
≤ 300 μs; duty cycle ≤ 2 %
(2) Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80 % VDSS
THERMAL RESISTANCE
PARAMETER
SYMBOL
TYP.
MAX.
UNITS
Junction to case
RthJC
-0.29
°C/W
Case to sink, flat, greased surface
RthCS
0.05
-
STATIC CHARACTERISTICS (TJ = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Drain to source breakdown voltage
V(BR)DSS
VGS = 0 V, ID = 250 μA
500
-
-
V
Breakdown voltage temperature coefficient
ΔV(BR)DSS/ΔTJ
Reference to 25 °C, ID = 1 mA
-
0.60
-
V/°C
Static drain to source on-resistance
RDS(on) (1)
VGS = 10 V, ID = 24 A
-
0.084
0.10
Ω
Gate threshold voltage
VGS(th)
VDS = VGS, ID = 250 μA
3.0
-
5.0
V
Drain to source leakage current
IDSS
VDS = 500 V, VGS = 0 V
VDS = 400 V, VGS = 0 V, TJ = 125 °C
--
50
μA
-
-
250
Gate to source forward leakage
IGSS
VGS = 30 V
-
-
250
nA
Gate to source reverse leakage
VGS = - 30 V
-
-
- 250
DYNAMIC CHARACTERISTICS (TJ = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Forward transconductance
gfs
VDS = 50 V, ID = 28 A
23
-
-
S
Total gate charge
Qg (1)
ID = 40 A
VDS = 400 V
VGS = 10 V; see fig. 6 and 13
-
-
270
nC
Gate to source charge
Qgs (1)
--
84
Gate to drain ("Miller") charge
Qgd (1)
-
-
130
Turn-on delay time
td(on) (1)
VDD = 250 V
ID = 40 A
Rg = 1.0
Ω
VGS = 10 V, see fig. 10
-25-
ns
Rise time
tr (1)
-140
-
Turn-off delay time
td(off) (1)
-55-
Fall time
tf (1)
-74-
Input capacitance
Ciss
VGS = 0 V
VDS = 25 V
f = 1.0 MHz, see fig. 5
-
8310
-
pF
Output capacitance
Coss
-960
-
Reverse transfer capacitance
Crss
-120
-
Output capacitance
Coss
VGS = 0 V, VDS = 1.0 V, f = 1.0 MHz
-
10 170
-
VGS = 0 V, VDS = 480 V, f = 1.0 MHz
-
240
-
Effective output capacitance
Coss eff. (2)
VGS = 0 V, VDS = 0 V to 480 V
-
440
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com