Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC40SA50FK Datasheet(PDF) 5 Page - Vishay Siliconix

Part # FC40SA50FK
Description  Power MOSFET, 40 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FC40SA50FK Datasheet(HTML) 5 Page - Vishay Siliconix

  FC40SA50FK Datasheet HTML 1Page - Vishay Siliconix FC40SA50FK Datasheet HTML 2Page - Vishay Siliconix FC40SA50FK Datasheet HTML 3Page - Vishay Siliconix FC40SA50FK Datasheet HTML 4Page - Vishay Siliconix FC40SA50FK Datasheet HTML 5Page - Vishay Siliconix FC40SA50FK Datasheet HTML 6Page - Vishay Siliconix FC40SA50FK Datasheet HTML 7Page - Vishay Siliconix FC40SA50FK Datasheet HTML 8Page - Vishay Siliconix FC40SA50FK Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 94542
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 12-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
5
FC40SA50FKP
Power MOSFET, 40 A
Vishay Semiconductors
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction to Case
Fig. 12a - Maximum Avalanche Energy vs. Drain Current
Fig. 12b - Unclamped Inductive Test Circuit
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
V
DS
90 %
0.001
0.010
0.100
1.000
0.00001
0.0001
0.001
0.01
0.1
1
t1, Rectangular Pulse Duration (s)
SINGLE PULSE
(THERMAL RESPONSE)
0.01
0.02
0.05
0.10
0.30
D = 0.50
Notes:
1. Duty factor D = t1/t2
2. Peak TJ=PDM x ZthJC + TC
Ri (°C/W)
τi (sec)
0.161
0.000759
0.210
0.017991
0.147
0.06094
J
J
1
1
2
2
3
3
R
1
R
1
R
2
R
2
R
3
R
3
C
Ci
i Ri
Ci=  i Ri
0
500
1000
1500
2000
2500
3000
25
50
75
100
125
150
S tarting TJ, Junc tion Tem perature (°C)
I
D ...
TOP
18A
26A
BOTTOM
40A
0.01
Ω
D.U.T
L
+
-
Driver
A
15 V
20 V
R
G
V
DS
I
AS
t
p
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com