Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC40SA50FK Datasheet(PDF) 4 Page - Vishay Siliconix

Part # FC40SA50FK
Description  Power MOSFET, 40 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FC40SA50FK Datasheet(HTML) 4 Page - Vishay Siliconix

  FC40SA50FK Datasheet HTML 1Page - Vishay Siliconix FC40SA50FK Datasheet HTML 2Page - Vishay Siliconix FC40SA50FK Datasheet HTML 3Page - Vishay Siliconix FC40SA50FK Datasheet HTML 4Page - Vishay Siliconix FC40SA50FK Datasheet HTML 5Page - Vishay Siliconix FC40SA50FK Datasheet HTML 6Page - Vishay Siliconix FC40SA50FK Datasheet HTML 7Page - Vishay Siliconix FC40SA50FK Datasheet HTML 8Page - Vishay Siliconix FC40SA50FK Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94542
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 12-May-10
FC40SA50FKP
Vishay Semiconductors
Power MOSFET, 40 A
Fig. 5 - Typical Capacitance vs.
Drain to Source Voltage
Fig. 6 - Typical Gate Charge vs.
Gate to Source Voltage
Fig. 7 - Typical Source Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
Fig. 9 - Maximum Drain Current vs.
Case Temperature
Fig. 10a - Switching Time Test Circuit
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
C
iss
= C
gs
+ C
gd
, C
ds
SHORTED
C
rss
= C
gd
C
oss
= C
ds
+ C
gd
0
5
10
15
20
0100
200
300
QG, Total Gate Charge (nC)
ID=40A
0.1
1
10
100
1000
0.20.7
1.21.7
VSD, Source-to-Drain Voltage (V)
VGS=0
TJ=150°C
TJ=25°C
1
10
100
1000
10
100
1000
V
DS, Drain-to-Source Voltage (V)
100us
10ms
1ms
OPERATION IN THIS AREA
LIMITED BY RDS(on)
T
C = 25°C
T
J = 150°C
Single Pulse
0
10
20
30
40
25
50
75
100
125
150
TC, Case Temperature (°C)
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
D.U.T.
10 V
+
-
V
DS
R
D
V
DD
R
G
V
GS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com