Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP199 Datasheet (PDF) - Analog Devices

ADP199 Datasheet PDF - Analog Devices
Part # ADP199
Download  ADP199 Download
File Size   1359.68 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.6 V, 500 mA Logic Controlled

ADP199 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP199 Datasheet PDF - Analog Devices

Part # ADP199
Download  ADP199 Click to download

File Size   1359.68 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.6 V, 500 mA Logic Controlled

ADP199 Datasheet (HTML) - Analog Devices


ADP199 Product details

GENERAL DESCRIPTION
The ADP199 is a high-side load switch designed for operation between 0.9 V to 3.6 V. A load switch provides power domain isolation, thereby helping to keep subsystems isolated and powered independently, and enabling reduced power consumption.

FEATURES
    Constant low RDSON of 40 mΩ over input voltage range
    Low input voltage range: 0.9 V to 3.6 V
    500 mA continuous operating current at 85°C
    1.2 V logic compatible enable input
    Low 6 µA quiescent current, independent of load current
    Ultralow shutdown current: <100 nA
    Ultrasmall 0.8 mm × 0.8 mm × 0.5 mm, 4-ball, 0.4 mm pitch WLCSP

APPLICATIONS
    Low operating voltage processors
    Mobile phones
    Digital cameras and audio devices
    Portable and battery-powered equipment
    Optical XMT/RCVR modules




Similar Part No. - ADP199

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP199CB-EVALZ APEX-ADP199CB-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results


Similar Description - ADP199

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTB123Y PHILIPS-PDTB123Y Datasheet
75Kb / 10P
PNP 500 mA, 50 V resistor-equipped transistors
Rev. 01-27 April 2005
logo
ON Semiconductor
MMBF170LT1 ONSEMI-MMBF170LT1 Datasheet
61Kb / 4P
Power MOSFET 500 mA, 60 V
February, 2004 ??Rev. 4
logo
NXP Semiconductors
PSMN3R5-30LL NXP-PSMN3R5-30LL Datasheet
179Kb / 13P
N-channel 30 V 3.6 m廓 logic level MOSFET
Rev. 01-18 February 2010
logo
Texas Instruments
LM2937-2.5 TI-LM2937-2.5_15 Datasheet
1Mb / 27P
LM2937 2.5-V and 3.3-V 400-mA and 500-mA Voltage Regulators
logo
ON Semiconductor
NSR05T40P2 ONSEMI-NSR05T40P2 Datasheet
68Kb / 5P
500 mA, 40 V Schottky Barrier Diode
July, 2015 ??Rev. 1
NSR05T40P2 ONSEMI-NSR05T40P2_16 Datasheet
61Kb / 5P
500 mA, 40 V Schottky Barrier Diode
August, 2016 ??Rev. 2
NSR05T404MX ONSEMI-NSR05T404MX Datasheet
69Kb / 5P
500 mA, 40 V Schottky Barrier Diode
August, 2017 ??Rev. P1
NSR05402 ONSEMI-NSR05402 Datasheet
330Kb / 5P
500 mA, 40 V Schottky Barrier Diode
June, 2019 ??Rev. 0
NSR05T30XV2 ONSEMI-NSR05T30XV2 Datasheet
133Kb / 6P
500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
logo
Nexperia B.V. All right...
PBLS4002Y NEXPERIA-PBLS4002Y Datasheet
1Mb / 12P
40 V, 500 mA PNP loadswitch transistor
1 January 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com