Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP199 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP199
Description  3.6 V, 500 mA Logic Controlled
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP199 Datasheet(HTML) 1 Page - Analog Devices

  ADP199 Datasheet HTML 1Page - Analog Devices ADP199 Datasheet HTML 2Page - Analog Devices ADP199 Datasheet HTML 3Page - Analog Devices ADP199 Datasheet HTML 4Page - Analog Devices ADP199 Datasheet HTML 5Page - Analog Devices ADP199 Datasheet HTML 6Page - Analog Devices ADP199 Datasheet HTML 7Page - Analog Devices ADP199 Datasheet HTML 8Page - Analog Devices ADP199 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
3.6 V, 500 mA Logic Controlled
High-Side Load Switch
Data Sheet
ADP199
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Constant low RDSON of 40 mΩ over input voltage range
Low input voltage range: 0.9 V to 3.6 V
500 mA continuous operating current at 85°C
1.2 V logic compatible enable input
Low 6 μA quiescent current, independent of load current
Ultralow shutdown current: <100 nA
Ultrasmall 0.8 mm × 0.8 mm × 0.5 mm, 4-ball,
0.4 mm pitch WLCSP
APPLICATIONS
Low operating voltage processors
Mobile phones
Digital cameras and audio devices
Portable and battery-powered equipment
Optical XMT/RCVR modules
GENERAL DESCRIPTION
The ADP199 is a high-side load switch designed for opera-
tion between 0.9 V to 3.6 V. A load switch provides power
domain isolation, thereby helping to keep subsystems isolated
and powered independently, and enabling reduced power
consumption.
The ADP199 contains a low on-resistance, N-channel MOSFET
to minimize power loss, and supports over 500 mA of continuous
load current. The low 6 μA quiescent current and ultralow
shutdown current make the ADP199 ideal for battery-operated
portable equipment. The built-in level shifter for enable logic
makes the ADP199 compatible with many processors and GPIO
controllers.
In addition to high performance, the ADP199 occupies mini-
mal printed circuit board (PCB) space with an area of less than
0.64 mm2 and a height of 0.50 mm.
The ADP199 is available in an ultra-small, 0.8 mm × 0.8 mm ×
0.5 mm, 4-ball, 0.4 mm pitch WLCSP.
TYPICAL APPLICATIONS CIRCUIT
GND
EN
LOAD
VIN
VOUT
ADP199
CHARGE PUMP
AND SLEW RATE
CONTROL
OFF
ON
+
–
4Ω
Figure 1.


Similar Part No. - ADP199

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP199CB-EVALZ APEX-ADP199CB-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results

Similar Description - ADP199

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTB123Y PHILIPS-PDTB123Y Datasheet
75Kb / 10P
PNP 500 mA, 50 V resistor-equipped transistors
Rev. 01-27 April 2005
logo
ON Semiconductor
MMBF170LT1 ONSEMI-MMBF170LT1 Datasheet
61Kb / 4P
Power MOSFET 500 mA, 60 V
February, 2004 ??Rev. 4
logo
NXP Semiconductors
PSMN3R5-30LL NXP-PSMN3R5-30LL Datasheet
179Kb / 13P
N-channel 30 V 3.6 m廓 logic level MOSFET
Rev. 01-18 February 2010
logo
Texas Instruments
LM2937-2.5 TI-LM2937-2.5_15 Datasheet
1Mb / 27P
LM2937 2.5-V and 3.3-V 400-mA and 500-mA Voltage Regulators
logo
ON Semiconductor
NSR05T40P2 ONSEMI-NSR05T40P2 Datasheet
68Kb / 5P
500 mA, 40 V Schottky Barrier Diode
July, 2015 ??Rev. 1
NSR05T40P2 ONSEMI-NSR05T40P2_16 Datasheet
61Kb / 5P
500 mA, 40 V Schottky Barrier Diode
August, 2016 ??Rev. 2
NSR05T404MX ONSEMI-NSR05T404MX Datasheet
69Kb / 5P
500 mA, 40 V Schottky Barrier Diode
August, 2017 ??Rev. P1
NSR05402 ONSEMI-NSR05402 Datasheet
330Kb / 5P
500 mA, 40 V Schottky Barrier Diode
June, 2019 ??Rev. 0
NSR05T30XV2 ONSEMI-NSR05T30XV2 Datasheet
133Kb / 6P
500 mA, 30 V Schottky Barrier Diode
April, 2017 - Rev. 0
logo
Nexperia B.V. All right...
PBLS4002Y NEXPERIA-PBLS4002Y Datasheet
1Mb / 12P
40 V, 500 mA PNP loadswitch transistor
1 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com