Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP199 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP199
Description  3.6 V, 500 mA Logic Controlled
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP199 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP199 Datasheet HTML 8Page - Analog Devices ADP199 Datasheet HTML 9Page - Analog Devices ADP199 Datasheet HTML 10Page - Analog Devices ADP199 Datasheet HTML 11Page - Analog Devices ADP199 Datasheet HTML 12Page - Analog Devices ADP199 Datasheet HTML 13Page - Analog Devices ADP199 Datasheet HTML 14Page - Analog Devices ADP199 Datasheet HTML 15Page - Analog Devices ADP199 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADP199
Rev. 0 | Page 13 of 16
CH2 500mV
CH1 1V
BW
BW
BW
CH3 20mA Ω
M10µs
A CH1
100mV
T 10%
1
3
2
VEN
OUTPUT VOLTAGE
INPUT CURRENT
Figure 34. Typical Turn-On Delay Time with VIN = 1.2 V,
ILOAD = 10 mA, CLOAD = 1 μF
CH2 1V
CH1 2V BW
BW
BW
CH3 200mA Ω
M4µs
A CH1
1.28mV
T 10%
1
3
2
VEN
OUTPUT VOLTAGE
INPUT CURRENT
Figure 35. Typical Turn-On Delay Time with VIN = 3.6 V,
ILOAD = 10 mA, CLOAD = 1 μF
The rise time is defined as the time it takes the output voltage to
rise from 10% to 90% of VOUT reaching its final value. It is depen-
dent on the rise time of the internal charge pum
p.
For very large values of output capacitance, the RC time constant
(where C is the load capacitance (CLOAD) and R is the RDSON||RLOAD)
can become a factor in the rise time of the output voltage. Because
RDSON is much smaller than RLOAD, an adequate approximation
for RC is RDSON × CLOAD. An input or load capacitor is not required
for the ADP199 although capacitors can be used to suppress
noise on the board.
CH2 500mV
CH1 1V BW
BW
BW
CH3 500mA Ω
M40µs
A CH1
700mV
T 10.4%
1
3
2
VEN
OUTPUT VOLTAGE
INPUT CURRENT
Figure 36. Typical Rise Time and Inrush Current,
CLOAD = 100 μF, VIN = 1.2 V, ILOAD = 100 mA
CH2 1V
CH1 2V BW
BW
BW
CH3 2A Ω
M40µs
A CH1
720mV
T 10.4%
1
3
2
VEN
OUTPUT VOLTAGE
INPUT CURRENT
Figure 37. Typical Rise Time and Inrush Current,
CLOAD = 100 μF, VIN = 3.6 V, ILOAD =100 mA
The turn-off time is defined as the time it takes for the output
voltage to fall from 90% to 10% of VOUT reaching its final value.
The turn-off time is also dependent on the RC time constant of
the output capacitance and load resistance. Figure 38 shows the
typical turn-off time with VIN = 1.8 V, COUT = 1 μF, and RLOAD =
18 Ω.
CH2 1V
CH1 500mV
BW
BW
M20µs
A CH2
660mV
T 10.2%
1
2
ENABLE VOLTAGE VEN
INPUT CURRENT
Figure 38. Typical Turn-Off Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com