Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP199 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP199
Description  3.6 V, 500 mA Logic Controlled
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP199 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP199 Datasheet HTML 8Page - Analog Devices ADP199 Datasheet HTML 9Page - Analog Devices ADP199 Datasheet HTML 10Page - Analog Devices ADP199 Datasheet HTML 11Page - Analog Devices ADP199 Datasheet HTML 12Page - Analog Devices ADP199 Datasheet HTML 13Page - Analog Devices ADP199 Datasheet HTML 14Page - Analog Devices ADP199 Datasheet HTML 15Page - Analog Devices ADP199 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP199
Data Sheet
Rev. 0 | Page 12 of 16
APPLICATIONS INFORMATION
GROUND CURRENT
The major source for ground current in the ADP199 is the internal
charge pump for the FET drive circuitry. Figure 30 shows the
typical ground current when VEN = VIN, and varies from 1.1 V
to 3.6 V.
0
5
10
15
20
25
30
35
40
45
50
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VIN (V)
5mA
10mA
50mA
100mA
200mA
500mA
Figure 30. Ground Current vs. Input Voltage, Different Load Current
ENABLE FEATURE
The ADP199 uses the EN input to enable and disable the VOUT
output. As shown in Figure 31, when a rising voltage (VEN) on
the EN pin crosses the active threshold, VOUT turns on. When
a falling voltage (VEN) on the EN pin crosses the inactive
threshold, VOUT turns off.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.21.3
1.41.51.61.7
1.81.92.02.1
ENABLE VOLTAGE (V)
VOUT AT 3.3V
Figure 31. Typical EN Operation, VIN = 3.3 V
ENABLE VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
VOUT AT 1.2V
Figure 32. Typical EN Operation, VIN = 1.2 V
As shown in Figure 31, the EN pin has hysteresis built into it.
This prevents on/off oscillations that can occur due to noise on
the EN pin as it passes through the threshold points.
The EN pin active/inactive thresholds derive from the VIN voltage;
therefore, these thresholds vary with the changing input voltage.
Figure 33 shows the typical EN active/inactive thresholds when
the input voltage varies from 1.1 V to 3.6 V.
0
0.5
1.0
1.5
2.0
2.5
1.0
1.5
2.0
2.5
3.0
3.5
INPUT VOLTAGE (V)
EN RISE
EN FALL
Figure 33. Typical EN Thresholds vs. Input Voltage (VIN)
TIMING
Turn-on delay is defined as the interval between the time that
VEN exceeds the rising threshold voltage and when VOUT rises to
~10% of its final value. The ADP199 includes circuitry that has a
typical 1 ms turn-on delay, and a controlled rise time to limit the
VIN inrush current. As shown in Figure 34 and Figure 35, the turn-
on delay is nearly independent of the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com