Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP199 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP199
Description  3.6 V, 500 mA Logic Controlled
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP199 Datasheet(HTML) 3 Page - Analog Devices

  ADP199 Datasheet HTML 1Page - Analog Devices ADP199 Datasheet HTML 2Page - Analog Devices ADP199 Datasheet HTML 3Page - Analog Devices ADP199 Datasheet HTML 4Page - Analog Devices ADP199 Datasheet HTML 5Page - Analog Devices ADP199 Datasheet HTML 6Page - Analog Devices ADP199 Datasheet HTML 7Page - Analog Devices ADP199 Datasheet HTML 8Page - Analog Devices ADP199 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADP199
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VIN = 1.8 V, VEN = VIN, IOUT = 200 mA, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +85°C
0.9
3.6
V
EN INPUT
EN Input Threshold
VIH
% of VIN, VIN = 0.9 V to 3.6 V, TJ = −40°C to +85°C
65
%
VIL
% of VIN, VIN = 0.9 V to 3.6 V, TJ = −40°C to +85°C
25
%
EN Input Pull-Down Current
IEN
VIN = 1.8 V
450
nA
CURRENT
Ground Current
IGND
VIN = 0.9 V
3
μA
VIN = 1.2 V
4
μA
VIN = 1.8 V, TJ = −40°C to +85°C
6
20
μA
VIN = 3.6 V
35
μA
Off State Current
IOFF-IN
VEN = GND, VOUT = 0 V
90
nA
VEN = 0 V, VIN = 3.6 V, VOUT = 0 V
165
nA
VEN = GND, TJ = −40°C to +85°C, VOUT = 0 V
3
μA
Continuous Operating Current
IOUT
VIN = 0.9 V to 3.6 V, TJ = −40°C to +85°C
500
mA
VIN to VOUT RESISTANCE
RDSON
VIN = 0.9 V
0.04
Ω
VIN = 1.2 V
0.04
Ω
VIN = 1.8 V, TJ = −40°C to +85°C
0.04
0.09
Ω
VIN = 3.6 V
0.04
Ω
VOUT TURN-ON DELAY TIME
See Figure 2
Turn-On Delay Time
tON_DLY
VIN = 1.8 V, CLOAD = 4.7 μF
20
μs
VOUT TURN-OFF DELAY TIME
See Figure 2
Turn-Off Delay Time
tOFF_DLY
VIN = 1.8 V, ILOAD = 10 mA, CLOAD = 4.7 μF
60
μs
TIMING DIAGRAM
VEN
VOUT
TURN-ON
RISE
90%
10%
TURN-OFF
DELAY
TURN-OFF
FALL
TURN-ON
DELAY
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com