Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP199 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP199
Description  3.6 V, 500 mA Logic Controlled
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP199 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP199 Datasheet HTML 3Page - Analog Devices ADP199 Datasheet HTML 4Page - Analog Devices ADP199 Datasheet HTML 5Page - Analog Devices ADP199 Datasheet HTML 6Page - Analog Devices ADP199 Datasheet HTML 7Page - Analog Devices ADP199 Datasheet HTML 8Page - Analog Devices ADP199 Datasheet HTML 9Page - Analog Devices ADP199 Datasheet HTML 10Page - Analog Devices ADP199 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADP199
Rev. 0 | Page 7 of 16
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.5
4.0
–40
–5
25
65
85
TEMPERATURE (°C)
10mA
50mA
100mA
200mA
500mA
Figure 10. Ground Current vs. Temperature,
Different Load Currents, VIN = 1.2 V
0
10
20
30
40
50
60
–40
–5
256585
TEMPERATURE (°C)
10mA
50mA
100mA
200mA
500mA
Figure 11. Ground Current vs. Temperature,
Different Load Currents, VIN = 3.6 V
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
LOAD (mA)
0.90
0.95
1.00
1.20
1.50
1.80
2.20
2.60
3.20
3.60
Figure 12. Ground Current vs. Load Current,
Different Input Voltage (VIN)
TEMPERATURE (°C)
0
5
10
15
20
25
30
35
40
45
50
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
5mA
10mA
50mA
100mA
200mA
500mA
Figure 13. Ground Current vs. Input Voltage,
Different Load Current
–40
–20
0
20406080
100
TEMPERATURE (°C)
0.01
0.1
1
0.90V
0.95V
1.00V
1.20V
1.50V
1.80V
2.20V
2.60V
3.20V
3.60V
Figure 14. Ground Shutdown Current vs. Temperature, Output Open,
Different Input Voltage (VIN)
–40
–20
0
20406080
100
TEMPERATURE (°C)
0.01
1
0.1
0.90V
0.95V
1.00V
1.20V
1.50V
1.80V
2.20V
2.60V
3.20V
3.60V
Figure 15. Ground Shutdown Current vs. Temperature, VOUT = 0 V,
Different Input Voltage (VIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com