Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP199 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP199
Description  3.6 V, 500 mA Logic Controlled
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP199 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP199 Datasheet HTML 7Page - Analog Devices ADP199 Datasheet HTML 8Page - Analog Devices ADP199 Datasheet HTML 9Page - Analog Devices ADP199 Datasheet HTML 10Page - Analog Devices ADP199 Datasheet HTML 11Page - Analog Devices ADP199 Datasheet HTML 12Page - Analog Devices ADP199 Datasheet HTML 13Page - Analog Devices ADP199 Datasheet HTML 14Page - Analog Devices ADP199 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADP199
Rev. 0 | Page 11 of 16
THEORY OF OPERATION
The ADP199 is a high-side NMOS load switch controlled by
an internal charge pump. The ADP199 is designed to operate
with power supply voltages between 0.9 V and 3.6 V.
An internal charge pump biases the NMOS switch to achieve a
relatively constant, ultralow on resistance of 40 mΩ across the
entire input voltage range. The use of the internal charge pump also
allows for controlled turn-on times. The switch is controlled on/off
by the enable (EN) input and is capable of interfacing directly with
1.2 V logic signals.
The ADP199 is capable of 500 mA of continuous load current
as long as TJ is less than 85°C.
ESD protection structures are shown in the block diagram (see
Figure 29) as Zener diodes.
The ADP199 is a low quiescent current device with a nominal
4 MΩ pull-down resistor on its enable pin (EN). The package is a
space-saving 0.8 mm × 0.8 mm, 4-ball WLCSP.
GND
EN
VIN
VOUT
ADP199
CHARGE PUMP
AND SLEW RATE
CONTROL
4Ω
Figure 29. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com