Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1716 Datasheet (PDF) - ams AG

AS1716 Datasheet PDF - ams AG
Part # AS1716
Download  AS1716 Download
File Size   323.23 Kbytes
Page   12 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Capacitive Sensor Interface

AS1716 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1716 Datasheet PDF - ams AG

Part # AS1716
Download  AS1716 Click to download

File Size   323.23 Kbytes
Page   12 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Capacitive Sensor Interface

AS1716 Datasheet (HTML) - ams AG


AS1716 Product details

General Description
AS1716 is an analog front end specifically designed for unbiased Capacitive Sensors, as for instance Knock Sensors in Automotive, to be interfaced with Analog Digital Converters with Sample and Hold input stages.
The device provides differential inputs, a 1st order low pass filter to cutoff the high frequency noise components, differential to single ended conversion, programmable gain stage and a 2 pole low pass Multiple Feedback Filter.

Key Features
Differential input stage with wide input range
Resistive sensor biasing (VDDA/2)
Programmable Gain (x0.5, x1, x2, x4)
Internal 2nd order low pass Multiple Feedback Filter with a min. cut off frequency of 16kHz
Single supply operation: 4.5V to 5.5V
Operating Temperature range: -40°C to +125°C
High CMRR: 55dB (min)
EMC characterized by IEC 61967-4 (1Ω / 150Ω Method)
EMC characterized by IEC 62132-4 (Direct Power Injection)
Automotive qualified to AECQ100 for IC and PPAP Level 3
8-pin SOIC Package

Applications
Analog front end for Capacitive Sensors to Analog to Digital Converters and DSP.




Similar Part No. - AS1716

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1716 AMSCO-AS1716 Datasheet
419Kb / 12P
Capacitive Sensor Interface
AS1716A-ASOT AMSCO-AS1716A-ASOT Datasheet
419Kb / 12P
Capacitive Sensor Interface
More results


Similar Description - AS1716

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1716 AMSCO-AS1716 Datasheet
419Kb / 12P
Capacitive Sensor Interface
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
Capacitive Sensor Signal Interface IC
MAS6512 MAS-MAS6512_16 Datasheet
1Mb / 32P
Capacitive Sensor Signal Interface IC
MAS6510 MAS-MAS6510 Datasheet
800Kb / 32P
Capacitive Sensor Signal Interface IC
logo
Turck, Inc.
BC5-QF5.5-AN6X2S250 TURCK-BC5-QF5.5-AN6X2S250 Datasheet
232Kb / 2P
Capacitive sensor
BC20-Q20-AN4X2 TURCK-BC20-Q20-AN4X2 Datasheet
212Kb / 2P
Capacitive sensor
logo
Pepperl+Fuchs Inc.
CBB4-12GH60-E2-V1 PF-CBB4-12GH60-E2-V1 Datasheet
256Kb / 2P
Capacitive sensor
CBB4-12GH70-E2 PF-CBB4-12GH70-E2 Datasheet
223Kb / 2P
Capacitive sensor
CBB8-18GS75-E2 PF-CBB8-18GS75-E2 Datasheet
113Kb / 1P
Capacitive sensor
CBN2-F46-E0 PF-CBN2-F46-E0 Datasheet
228Kb / 2P
Capacitive sensor
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com