Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1716 Datasheet(PDF) 1 Page - ams AG

Part # AS1716
Description  Capacitive Sensor Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1716 Datasheet(HTML) 1 Page - ams AG

  AS1716 Datasheet HTML 1Page - ams AG AS1716 Datasheet HTML 2Page - ams AG AS1716 Datasheet HTML 3Page - ams AG AS1716 Datasheet HTML 4Page - ams AG AS1716 Datasheet HTML 5Page - ams AG AS1716 Datasheet HTML 6Page - ams AG AS1716 Datasheet HTML 7Page - ams AG AS1716 Datasheet HTML 8Page - ams AG AS1716 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AS1716
Capacitive Sensor Interface
www.austriamicrosystems.com/Capacitive-Sensors/AS1716
Revision 1.02
1 - 12
Data sheet
1 General Description
AS1716 is an analog front end specifically designed for unbiased
Capacitive Sensors, as for instance Knock Sensors in Automotive, to
be interfaced with Analog Digital Converters with Sample and Hold
input stages.
The device provides differential inputs, a 1st order low pass filter to
cutoff the high frequency noise components, differential to single
ended conversion, programmable gain stage and a 2 pole low pass
Multiple Feedback Filter.
The Knock Sensor is a Piezo Electric device that generates a voltage
if it is stressed. It senses knock and transmits information to the elec-
tronic engine management control unit. This influences process con-
trol in the engine, for example timing and fuel injection until knock is
eliminated.
The capacitive sensor is biased via resistors to a voltage level of
VDDA/2.
Figure 1. AS1716 - Block Diagram
2 Key Features
Differential input stage with wide input range
Resistive sensor biasing (VDDA/2)
Programmable Gain (x0.5, x1, x2, x4)
Internal 2
nd order low pass Multiple Feedback Filter with a min.
cut off frequency of 16kHz
Single supply operation: 4.5V to 5.5V
Operating Temperature range: -40°C to +125°C
High CMRR: 55dB (min)
EMC characterized by IEC 61967-4
(1
Ω / 150Ω Method)
EMC characterized by IEC 62132-4
(Direct Power Injection)
Automotive qualified to AECQ100 for IC and PPAP level 3
8-pin SOIC Package
3 Applications
Analog front end for Capacitive Sensors to Analog to Digital Convert-
ers and DSP.
+
-
-
+
-
+
VDDA
VDDA/2
Multiple Feedback LP Filter
fc ~23kHz typ.
INP
GA
GB
OUT
NC
VSSA
VDDA
Gain Control
x0.5, x1, x2, x4
-
+
VDDA/2
VDDA/2
VDDA/2
-
+
VDDA/2
INN
AS1716


Similar Part No. - AS1716

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1716 AMSCO-AS1716 Datasheet
419Kb / 12P
Capacitive Sensor Interface
AS1716A-ASOT AMSCO-AS1716A-ASOT Datasheet
419Kb / 12P
Capacitive Sensor Interface
More results

Similar Description - AS1716

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1716 AMSCO-AS1716 Datasheet
419Kb / 12P
Capacitive Sensor Interface
logo
Micro Analog systems
MAS6512 MAS-MAS6512 Datasheet
293Kb / 12P
Capacitive Sensor Signal Interface IC
MAS6512 MAS-MAS6512_16 Datasheet
1Mb / 32P
Capacitive Sensor Signal Interface IC
MAS6510 MAS-MAS6510 Datasheet
800Kb / 32P
Capacitive Sensor Signal Interface IC
logo
Turck, Inc.
BC5-QF5.5-AN6X2S250 TURCK-BC5-QF5.5-AN6X2S250 Datasheet
232Kb / 2P
Capacitive sensor
BC20-Q20-AN4X2 TURCK-BC20-Q20-AN4X2 Datasheet
212Kb / 2P
Capacitive sensor
logo
Pepperl+Fuchs Inc.
CBB4-12GH60-E2-V1 PF-CBB4-12GH60-E2-V1 Datasheet
256Kb / 2P
Capacitive sensor
CBB4-12GH70-E2 PF-CBB4-12GH70-E2 Datasheet
223Kb / 2P
Capacitive sensor
CBB8-18GS75-E2 PF-CBB8-18GS75-E2 Datasheet
113Kb / 1P
Capacitive sensor
CBN2-F46-E0 PF-CBN2-F46-E0 Datasheet
228Kb / 2P
Capacitive sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com