Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1716 Datasheet(PDF) 8 Page - ams AG

Part # AS1716
Description  Capacitive Sensor Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1716 Datasheet(HTML) 8 Page - ams AG

Back Button AS1716 Datasheet HTML 4Page - ams AG AS1716 Datasheet HTML 5Page - ams AG AS1716 Datasheet HTML 6Page - ams AG AS1716 Datasheet HTML 7Page - ams AG AS1716 Datasheet HTML 8Page - ams AG AS1716 Datasheet HTML 9Page - ams AG AS1716 Datasheet HTML 10Page - ams AG AS1716 Datasheet HTML 11Page - ams AG AS1716 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.austriamicrosystems.com/Capacitive-Sensors/AS1716
Revision 1.02
8 - 12
AS1716
Datasheet - Application In form atio n
9 Application Information
Figure 13. Application Diagram, minimal requirements
Values of the suggested external components are indicative and need to be characterized for each specific application.
Typical Piezo Sensor:
Resistor from 500k
Ω to 1MΩ
Capacity from 900nF to 1.5µF
Typical wire equivalent circuit:
Capacity to groung from 100pF to 400pF / meter
Capacity between wires strongly depends on type of wires (twisted-pair strongly suggested)
Resistance is typical 50m
Ω / meter @ 20°C
Layout rules
Input Resistors and Capacitors at the inputs should be placed as close as possible to the stonger possible source of disturbances (i.e. the
input connector).
The input lines should be kept as short as possible and routed close to each other.
The filter capacitor (100nF) on supply should be a ceramic type and placed as close as possible to the chip.
VSSA and VDDA lines on PCB should have larger width than other signals to minimize resistance, especially if the 10µF capacitor is not
very close to the chip.
The output line should be kept as short as possible.
Due to
failure
up to 16V
typical
sensor
1k
1k
-
+
Multiple Feedback LP filter
fc ~23kHz typ.
Gain Control
x0.5, x1, x2, x4
INN
INP
GA
GB
100
Ω
to
1k
OUT
µC
12 Bit AD
50k S/s
NC
VSSA
VDDA
100nF 10µF
V 4.5...5.5V
-
+
-
+
VDDA/2
-
+
VDDA/2
+
-
VDDA
VDDA/2
VDDA/2
VDDA/2
AS1716



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com