Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1716 Datasheet(PDF) 5 Page - ams AG

Part # AS1716
Description  Capacitive Sensor Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1716 Datasheet(HTML) 5 Page - ams AG

  AS1716 Datasheet HTML 1Page - ams AG AS1716 Datasheet HTML 2Page - ams AG AS1716 Datasheet HTML 3Page - ams AG AS1716 Datasheet HTML 4Page - ams AG AS1716 Datasheet HTML 5Page - ams AG AS1716 Datasheet HTML 6Page - ams AG AS1716 Datasheet HTML 7Page - ams AG AS1716 Datasheet HTML 8Page - ams AG AS1716 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.austriamicrosystems.com/Capacitive-Sensors/AS1716
Revision 1.02
5 - 12
AS1716
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
VDDA = 5.0V, TA = +25ºC (unless otherwise specified).
Figure 3. CMRR vs. Temperature; GA = GB = 0
Figure 4. Supply Current vs. Temperature;
50
55
60
65
70
75
80
85
90
95
100
-40 -20
0
20
40
60
80
100 120
Temperature (°C)
0
1
2
3
4
5
6
7
8
9
10
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
Figure 5. THD vs. Temperature
Figure 6. THD vs. Frequency
-85
-84
-83
-82
-81
-80
-79
-78
-77
-76
-75
-40 -20
0
20
40
60
80
100 120
Temperature (°C)
-140
-120
-100
-80
-60
-40
-20
0
20
10
100
1000
10000
100000
Frequency (Hz)
Figure 7. Transfer Characteristics
Figure 8. Phase Gain
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1
10
100
1000
10000
Frequency (kHz)
min
typ
max
-400
-300
-200
-100
0
100
1
10
100
1000
10000
Frequency (kHz)
min
typ
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com