Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1716 Datasheet(PDF) 6 Page - ams AG

Part # AS1716
Description  Capacitive Sensor Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1716 Datasheet(HTML) 6 Page - ams AG

Back Button AS1716 Datasheet HTML 2Page - ams AG AS1716 Datasheet HTML 3Page - ams AG AS1716 Datasheet HTML 4Page - ams AG AS1716 Datasheet HTML 5Page - ams AG AS1716 Datasheet HTML 6Page - ams AG AS1716 Datasheet HTML 7Page - ams AG AS1716 Datasheet HTML 8Page - ams AG AS1716 Datasheet HTML 9Page - ams AG AS1716 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.austriamicrosystems.com/Capacitive-Sensors/AS1716
Revision 1.02
6 - 12
AS1716
Datasheet - Detailed Descr i p ti on
8 Detailed Description
Sensor Biasing and Input Protection Resistors
Due to the capacitive and differential nature of the knock sensor, the common mode voltage for the sensor must be set. This is ensured by the
first amplifier, whose virtual ground is biasing the sensor via a of 50k
Ω resistor. Due to a failure, voltages up to 16V can occur on the input pins.
In this case two external serial resistors of 1k
Ω must be applied at the inputs. These resistors are limiting the current, when the on chip protec-
tion diode opens.
Figure 9. Sensor Biasing
Inverting Input Structure
The Input Strucutre is a first order low-pass filter and fulfills two main functions. First, it is used for biasing the sensor and second, the first order
low-pass filter characteristic is used for noise suppression.
Figure 10. Input Buffer
Due to
failure
up to 16V
typical
sensor
1k
1k
INN
INP
+
-
VDDA
VDDA/2
-
+
VDDA/2
-
+
VDDA/2
-
+
VDDA/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com