Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1716 Datasheet(PDF) 4 Page - ams AG

Part # AS1716
Description  Capacitive Sensor Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1716 Datasheet(HTML) 4 Page - ams AG

  AS1716 Datasheet HTML 1Page - ams AG AS1716 Datasheet HTML 2Page - ams AG AS1716 Datasheet HTML 3Page - ams AG AS1716 Datasheet HTML 4Page - ams AG AS1716 Datasheet HTML 5Page - ams AG AS1716 Datasheet HTML 6Page - ams AG AS1716 Datasheet HTML 7Page - ams AG AS1716 Datasheet HTML 8Page - ams AG AS1716 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.austriamicrosystems.com/Capacitive-Sensors/AS1716
Revision 1.02
4 - 12
AS1716
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
Parameters are measured at VDDA = 4.5V to 5.5V, RLOAD = 100
Ω serial to CLOAD = 10nF, TA = +25ºC and are refering to VSSA, unless other-
wise specified. Typical values are listed for reference only and will not be tested.
All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality Control)
methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TAMB
Operating Temperature Range
-45
+125
°C
DC Electrical Characteristics
VDDA
Supply Voltage Range
@ pin VDDA
4.5
5
5.5
V
IDDA
Supply Current
@ pin VDDA
3
4.5
9
mA
PSRR
1
1. Guaranteed by design
Power Supply Rejection Ratio
6
dB
VCM
Common Mode input Range
@ pins INN, INP
VSSA
VDDA
V
CMRR
Common Mode Rejection Ratio
55
dB
RIN
Differential Input Resistance
between pins INN and INP
70
100
130
k
Ω
VREF
Internal Common Mode Input
Voltage
INP shorted to INN
VDDA/2 -
2%
VDDA/2
VDDA/2
+2%
V
VOFF
Offset Voltage
Gain1, VINP = VINN @ VCM = VDDA/2,
@ pin OUT
VREF -
10
VREF
+10
mV
VIL
Logic Low (GA, GB)
@ pin GA and GB
1.2
V
VIH
Logic High (GA, GB)
@ pin GA and GB
2.0
V
ILEAK
Leakage Current (GA, GB)
VDDA = 5V, Gain4
1
µA
VHYST
1
Hysteresis
@ pin GA and GB
100
200
mV
RPD
Pull-Down Resistor
@ pin GA and GB
50
100
150
k
Ω
Gain0.5
Overall gain 0.5
GA = GB = 1
0.5-10%
0.5
0.5+10%
Gain1
Overall gain 1
GA = 1, GB = 0
1-10%
1
1+10%
Gain2
Overall gain 2
GA = 0, GB = 1
2-5%
2
2+5%
Gain4
Overall gain 4
GA = GB = 0, default setting
4-5%
4
4+5%
RL
External Serial Resistor
RL serial to CL
(see Figure 13 on page 8)
100
1k
Ω
CL
External Capacitive Load
0.01
10
nF
ISHORT+
Positive Short Circuit Current
VOUT is driven to VDDA and VOUT is connected
to VSSA
25
mA
ISHORT-
Negative Short Circuit Current VOUT is driven to VSSA and VOUT is connected
to VDDA
25
mA
VOUT-L
Output Range Low
@ pin VOUT
VSSA+0
.05
V
VOUT-H
Output Range High
@ pin VOUT
VDDA-
0.05
V
AC Electrical Characteristics
fC
Filter Cut-off Frequency
VDDA = 4.5V, GA = GB = 0, INP-INN = 1VPP, fIN
= 16kHz and 29kHz
16
23
29
kHz
THD
Total Harmonic Distortion
VDDA = 5V, fIN = 1kHz, INP-INN = 8VPP, Gain0.5
80
dB
VNOISE
RMS noise at OUT
Gain4, fC = 50Hz - 23kHz
1
mVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com