Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8413 Datasheet (PDF) - ams AG

AS8413 Datasheet PDF - ams AG
Part # AS8413
Download  AS8413 Download
File Size   125.77 Kbytes
Page   15 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION

AS8413 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS8413 Datasheet PDF - ams AG

Part # AS8413
Download  AS8413 Click to download

File Size   125.77 Kbytes
Page   15 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION

AS8413 Datasheet (HTML) - ams AG


AS8413 Product details

General Description
The AS8413 is a signal processing IC designed to implement reliable, high-performance sonar intrusion detectors. It generates short 40 kHz bursts to feed an ultrasonic transducer. The resulting sonar waves are reflected on the vehicle interior and the echoes are received by another transducer. Inside the AS8413, the electrical signal is first submitted to an analog conditioning circuit, then it is digitized and processed by a DSP, whose output is analyzed by a discriminator based on fuzzy-logic techniques. Thus, true intrusion conditions can be discerned from natural phenomena and other allowable disturbances.

Key Features
• True sonar/pulse-echo operation
• Master/slave synchronization
• Wide dynamic range
• Programmable sensitivity levels
• Self-adaptive to vehicle interiors
• Self-adaptive to temperature and environmental changes
• High sensitivity to intrusion
• Immunity to false alarms
• Detection of sabotage attempts
• Compatible with standard 40 kHz ultrasonic transducers
• Specific for systems with multiple transducers
• No adjustments needed at factory or at field
• Few external components
• Time reference: external clock or oscillator based on crystal/ceramic resonator
• Built-in self-test
• Internal power-on-reset
• Advanced CMOS technology
• Low power consumption: 0.65 to 1.0 mA
• Operation between -40°C and +85 °C
• Available in 24-pin DIP and 24-pin SOIC package




Similar Part No. - AS8413

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8410 AMSCO-AS8410 Datasheet
601Kb / 19P
PWM DC Motor Regulator
logo
Sumida Corporation
AS8411 SUMIDA-AS8411 Datasheet
213Kb / 2P
LF Transmitter Antenna
AS8411-125A SUMIDA-AS8411-125A Datasheet
213Kb / 2P
LF Transmitter Antenna
AS8411-134A SUMIDA-AS8411-134A Datasheet
213Kb / 2P
LF Transmitter Antenna
logo
ams AG
AS8412 AMSCO-AS8412 Datasheet
116Kb / 14P
HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
More results


Similar Description - AS8413

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8412 AMSCO-AS8412 Datasheet
116Kb / 14P
HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
logo
Texas Instruments
TL851 TI-TL851 Datasheet
82Kb / 6P
SONAR RANGING CONTROL
logo
ITT Industries
KDS ITT-KDS Datasheet
152Kb / 1P
Intrusion Switches
logo
List of Unclassifed Man...
SRM400 ETC2-SRM400 Datasheet
108Kb / 2P
Sonar Ranging Module
logo
C&K Components
KDS CK-COMPONENTS-KDS Datasheet
130Kb / 1P
Intrusion Switches
logo
Texas Instruments
TL851CDR TI-TL851CDR Datasheet
585Kb / 13P
SONAR RANGING CONTROL
TL851CDR TI1-TL851CDR Datasheet
585Kb / 13P
SONAR RANGING CONTROL
logo
Murata Manufacturing Co...
MA58MF14-7N MURATA-MA58MF14-7N Datasheet
186Kb / 3P
Back sonar for automotive
logo
List of Unclassifed Man...
MB1000 ETC1-MB1000 Datasheet
1Mb / 12P
High Performance Sonar Range Finder
logo
C&K Components
KDS CK-COMPONENTS-KDS_V01 Datasheet
209Kb / 2P
Intrusion Switches
2022
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com