Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8413 Datasheet(PDF) 3 Page - ams AG

Part # AS8413
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8413 Datasheet(HTML) 3 Page - ams AG

  AS8413 Datasheet HTML 1Page - ams AG AS8413 Datasheet HTML 2Page - ams AG AS8413 Datasheet HTML 3Page - ams AG AS8413 Datasheet HTML 4Page - ams AG AS8413 Datasheet HTML 5Page - ams AG AS8413 Datasheet HTML 6Page - ams AG AS8413 Datasheet HTML 7Page - ams AG AS8413 Datasheet HTML 8Page - ams AG AS8413 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8413
March 2001
Page 3 of 15
TX2
ALARM
WARN
LED
SYNC
GND
VDD
TP
N.C.
SAS
SENS1
SENS0
Pin Description
AS8413
Pin #
Name
Description
1
TX1
40-kHz burst generator - output 1.
2
OSCIN
Clock input or crystal / ceramic resonator connection.
3
OSCOUT
Crystal / ceramic resonator connection. Not connected when external clock is ap-
plied.
4
COSC
Clock output to slave IC
5
VCAP
Pin for programming capacitor at the envelope detector.
6
AVDD
Analog supply voltage (+5V).
7
AGND
Analog ground.
8
RXGND
Analog ground.
9
RX
Ultrasonic echo input.
10
SEL40K
Time reference select input (SEL40K=’1’ to select 40 kHz or SEL 40K=’0’ to select
400 kHz at OSCIN).
11
ALEN
Alarm enable input (when ALEN =’0’, the outputs ALARM, WARN and LED are dis-
abled).
12
MODE
Master/slave configuration pin (MODE=’0’ to configure slave IC, MODE=’1’ To config-
ure master IC with delayed sync and MODE open, to configure master IC without
delayed sync)
13
SENS0
Sensitivity selection (least significant bit).
14
SENS1
Sensitivity selection (most significant bit).
15
SAS
SAS enable input (SAS=’1’ activates Self-Adjusting Sensitivity, SAS=’0’ keeps sensi-
tivity fixed)
16
N.C.
(not connected)
17
TP
Test / reset pin. A rising edge resets the IC. This pin should be left unconnected or
tied to VDD for normal operation.
18
VDD
Digital supply voltage (+5V).
19
GND
Digital ground
20
SYNC
Synchronization pin. This pin is configured as output if pin MODE=’1^’ and as input if
MODE=’0’.
21
LED
Active-low signalling LED output (open drain).
22
WARN
Active-low auxiliary alarm output (open drain).
23
ALARM
Active-low main alarm output (open drain).
24
TX2
40-kHz burst generator - output 2.
Pinout & Packaging
Change pinout according to
Pin Description.
Available Package(s):
• 24 pin SOIC
• (24 pin Skinny DIP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com