Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8413 Datasheet(PDF) 11 Page - ams AG

Part # AS8413
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8413 Datasheet(HTML) 11 Page - ams AG

Back Button AS8413 Datasheet HTML 7Page - ams AG AS8413 Datasheet HTML 8Page - ams AG AS8413 Datasheet HTML 9Page - ams AG AS8413 Datasheet HTML 10Page - ams AG AS8413 Datasheet HTML 11Page - ams AG AS8413 Datasheet HTML 12Page - ams AG AS8413 Datasheet HTML 13Page - ams AG AS8413 Datasheet HTML 14Page - ams AG AS8413 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8413
March 2001
Page 11 of 15
• SAS disabled (pin SAS = “0”)
The IC will keep the sensitivity fixed at the upper limit of the programmed range, regardless of
the environmental conditions. This mode can be useful in special applications that demand a
fixed or externally controlled sensitivity. The VCAP capacitor may have to be up to 4 times
bigger than it would be with the SAS enabled, to compensate the fixed high sensitivity and
avoid false alarms. Another use of this mode is to allow an easier characterization of the up-
per sensitivity limit during the system development.
The self-test indicates an error with SAS = ”0”. To generate a valid self-test, SAS must be “1”
during power-up. It may be switched afterwards.
Together with the AGC, the SAS loop provides improved controllability over the intrusion detec-
tion process, allowing the system to be little affected by changes in the external conditions, such
as temperature, supply voltage and sensitivity of the ultrasonic sensors.
In any case, the sensitivity can be very significant, so the AS8413 is not adequate to be used in
convertibles or with open windows.
DSP and Fuzzy-Logic Discriminator
Many external phenomena may affect the ultrasonic waves inside the vehicle. Sunlight, blows at
the glasses or roof, wind through the ventilation flaps are some examples.
Experiments have shown that a real intrusion can not be validated by a single specific charac-
teristic of the echo waveform. Several parameters must be observed at the same time and also
how they correlate with each other. Experimental data gathered from extensive field testing were
used to support the detection criteria embedded in the AS8413.
To implement those criteria, first the digitized echoes are processed by a DSP circuit to en-
hance the parameters to be monitored. Then, a fuzzy-logic discriminator continuously examines
how those parameters change and correlate, to verify any possible intrusion.
Built-In-Self-Test
When power is applied and SAS=’1’, the master AS8413 goes automatically into a self-test rou-
tine that checks the IC operation. It can also detect initialization errors due to a slow supply rise
time or a clock problem at OSCIN. The self-test does not operate in a slave IC.
During the self-test period, the IC outputs are exercised and should be ignored. If the test is suc-
cessful, normal operation starts, indicated by the output LED pulsing periodically.
In the case of an IC malfunction, immediately after the self-test the LED and WARN outputs are
turned on (low) for about 4.4 seconds. If a light-emitting diode is connected to the LED output,
the self-test message may be seen directly by the user.
After an error message, the LED starts to blink again, as in a normal operation. Fig. 6 shows the
possible self-test waveforms after power-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com