Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8413 Datasheet(PDF) 14 Page - ams AG

Part # AS8413
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8413 Datasheet(HTML) 14 Page - ams AG

Back Button AS8413 Datasheet HTML 7Page - ams AG AS8413 Datasheet HTML 8Page - ams AG AS8413 Datasheet HTML 9Page - ams AG AS8413 Datasheet HTML 10Page - ams AG AS8413 Datasheet HTML 11Page - ams AG AS8413 Datasheet HTML 12Page - ams AG AS8413 Datasheet HTML 13Page - ams AG AS8413 Datasheet HTML 14Page - ams AG AS8413 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8413
March 2001
Page 14 of 15
Application Circuit
A typical Application Circuit for the AS8413 is presented at Fig. 8, where a 400 kHz oscillator with
external ceramic resonator is built for each IC. This circuit is suitable to be used in a microcon-
troller-based alarm system.
Optionally, the microcontroller could synthesize a 40 kHz for the ICs, decreasing component
count and power at the system level. The digital sensitivity also can be controlled, in specific
applications.
If access to all the signalling outputs of both ICs is provided, the alarm system will be able to
identify the kind of disturbance detected and the region where it occurred.
Fig. 8 - Application Circuit
TX1
OSCIN
OSCOUT
COSC
VCAP
AVDD
AGND
RXGND
RX
SEL4OK
ALEN
MODE
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
TX2
ALARM
WARN
LED
SYNC
GND
VDD
TP
N.C.
SAS
SENS1
SENS0
TXM
VDD
VDD
100 p
Res.
400kHz
100n
VDD
100p
270p
100n
RXM
VDD
VDD
330
56k
VDD
TX1
OSCIN
OSCOUT
COSC
VCAP
AVDD
AGND
RXGND
RX
SEL4OK
ALEN
MODE
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
TX2
ALARM
WARN
LED
SYNC
GND
VDD
TP
N.C.
SAS
SENS1
SENS0
TX
S
VDD
VDD
100 p
Res.
400kHz
100n
VDD
100p
270p
100n
RX
S
VDD
VDD
330
56k
VDD
(MASTER)
(SLAVE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com