Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8413 Datasheet(PDF) 4 Page - ams AG

Part # AS8413
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8413 Datasheet(HTML) 4 Page - ams AG

  AS8413 Datasheet HTML 1Page - ams AG AS8413 Datasheet HTML 2Page - ams AG AS8413 Datasheet HTML 3Page - ams AG AS8413 Datasheet HTML 4Page - ams AG AS8413 Datasheet HTML 5Page - ams AG AS8413 Datasheet HTML 6Page - ams AG AS8413 Datasheet HTML 7Page - ams AG AS8413 Datasheet HTML 8Page - ams AG AS8413 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8413
March 2001
Page 4 of 15
Absolute Maximum Ratings
Conditions:
1. AII voltages referenced to GND
2. AVDD connected to VDD
3. AGND connected to GND
Supply Voltage
< 7V
Input Pin Voltage
-0,3 V to VDD + 0.3 V
Output Pin Voltage
-0,3 V to VDD + 0.3 V
Power dissipation
500 mW
Operating temperature under bias
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
Latch-up immunity
-10mA … + 10mA
Note:
Stresses above these values may cause permanent damage to the device.
Functional operational at these values is not implied
ESD immunity / HBM; 1500 Ohm; 100 pF
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Supply Voltage (VDD, AVDD)
VDD
4.5
5.0
5.5
V
Operating Temperature Range
TO
-40
-
85
°C
Clock Frequency (SEL40K=1)
FCK
39
40
41
kHz
AC Peak Voltage at RX Input
VIN
0.1
-
10
mV
D.C. Electrical Characteristics
(VDD = 5 V, VSS = Ground, TA = -40 °C to +85 °C)
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Low Level Input Voltage
Vil
-
-
1.5
V
Pins 2, 10, 13, 14, 15, 20
High Level Input Voltage
Vih
3.5
-
-
V
Pins 2, 10, 13, 14, 15, 20
Low Level Input Voltage
Vil
-
-
0.5
V
Pin 12
High Level Input Voltage
Vih
4.5
-
-
V
Pin 12
Low-to-High Threshold
Vt+
-
3.0
3.5
V
Pin 11 (Schmitt Trigger Input)
High-to-Low Threshold
Vt-
1.4
1.8
-
V
Pin 11 (Schmitt Trigger Input)
Hysteresis
Vh
0.6
-
-
V
Pin 11
Low Level Input Current
Iil
-1
-
-
µA
Pins 10, 11, 13, 14, 15 (VDD=5 V)
High Level Input Current
Iih
-
-
1
µA
Pins 10,11, 13, 14, 15 (VDD=5V)
Input Resistance
Rin
-
200
-
k
Pin 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com