Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8413 Datasheet(PDF) 5 Page - ams AG

Part # AS8413
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8413 Datasheet(HTML) 5 Page - ams AG

  AS8413 Datasheet HTML 1Page - ams AG AS8413 Datasheet HTML 2Page - ams AG AS8413 Datasheet HTML 3Page - ams AG AS8413 Datasheet HTML 4Page - ams AG AS8413 Datasheet HTML 5Page - ams AG AS8413 Datasheet HTML 6Page - ams AG AS8413 Datasheet HTML 7Page - ams AG AS8413 Datasheet HTML 8Page - ams AG AS8413 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8413
March 2001
Page 5 of 15
Low Level Output Voltage
Vol
-
-
-
0.5
0.5
0.5
V
V
V
Pins 1, 20, 24
Pins 22,23
Pins 21
Iol=3 mA
Iol=4 mA
Iol=12mA
High Level Output Voltage Voh
4.0
-
-
V
Pins 1, 20, 24
Ioh=-3 mA
Low Level Output Voltage
Vol
-
-
-
-
0.4
1.5
V
V
Pin 4 (SEL40K= 0)
Pin 4 (SEL40K= 1)
Iol=100uA
Iol=10 uA
High Level Output Voltage
Voh
4.6
3.5
-
-
-
-
V
V
Pin 4 (SEL40K= 0)
Pin 4 (SEL40K= 1)
Ioh=-100 uA
Ioh=-10 uA
High-Z Output Current
Ioz
-
-
10
µA
Pins 21, 22, 23
Vo=5V
Total Supply Current
Idd
-
-
0.65
1.0
1.0
1.6
mA
mA
SEL40K= 1
SEL40K= 0
crystal or clock
ceramic res onator
C1=C2=100pF
A.C. Electrical Characteristics
(VDD = 5 V, VSS = Ground, TA = 25°C)
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Power-on-reset width
tpor
50
500
500
-
-
-
70
530
800
ms
SEL40K= 0, resonator / clock
SEL40K= 1, clock
SEL40K= 1, crystal
Self-test delay (incl. tpor)
tstd
1.3
1.7
1.7
-
-
-
1.4
1.9
2.1
s
SEL40K= 0, resonator / clock
SEL40K= 1, clock
SEL40K= 1, crystal
Fault indication pulse width
tstw
4.3
-
4.6
s
SYNC pulse width
tsync
-
0.6
-
ms
SYNC period
Tsync
-
44.4
-
ms
ALARM low pulse width
tal
200
-
-
ms
Pins 22, 23
LED low pulse width
tonn
tonw
-
-
89
977
-
-
ms
ms
narrow = no detection
wide = detection
LED low pulse width
toff
-
888
-
ms
System Description
Ultrasonic intrusion detectors are very popular in vehicle security systems, due to their low cost,
good area coverage and easiness of installation. The AS8413 uses the sonar principle to build a
high-performance intrusion detector that follows the requirements of the OEM automotive indus-
try. Additionally, the IC supports the use of two or more pairs of sensors. As very short ultrasonic
bursts are sent, the power needed to drive the transmitter is reduced. Interference and signal
ancellation effects, present in systems with continuous transmission, are virtually eliminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com