Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8413 Datasheet(PDF) 13 Page - ams AG

Part # AS8413
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8413 Datasheet(HTML) 13 Page - ams AG

Back Button AS8413 Datasheet HTML 7Page - ams AG AS8413 Datasheet HTML 8Page - ams AG AS8413 Datasheet HTML 9Page - ams AG AS8413 Datasheet HTML 10Page - ams AG AS8413 Datasheet HTML 11Page - ams AG AS8413 Datasheet HTML 12Page - ams AG AS8413 Datasheet HTML 13Page - ams AG AS8413 Datasheet HTML 14Page - ams AG AS8413 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8413
March 2001
Page 13 of 15
The blockage and saturation are signalized just one time at each occurrence, to avoid continu-
ous alarm triggering. Detection of glass breakage by saturation is not guaranteed.
Table 3. Disturbances detected by the AS8413
LED
ALARM
WARN
Conditions
pulsing
1
1
no disturbance
pulsing
1
0
weak intrusion
0
0
0
intrusion
pulsing
0
1
blockage
0
0
1
saturation
WARN
ALARM
tal
tal
tal
tONW
tONN
Fig. 7 - Weak Intrusion Followed by an Intrusion
Courtesy Entry/Exit Time
The pin ALEN is an optional alarm enable input that can be used to provide a courtesy entry
and/or exit time. When tied to VDD, normal alarm operation is enabled. If ALEN is grounded, the
outputs ALARM, WARN and LED are disabled, except during the self-test, when LED indicates
the test result.
By grounding ALEN, the IC can be made inoperative as seen by the control unit and still keep its
internal processing. This is useful when intrusion detections must be temporarily inhibited, or to
block self-test pulses at ALARM and WARN.
During the first 10 or 20 seconds after shutting a door in a hot and sunny day, an alarm indica-
tion may occur, due to thermal gradients inside the vehicle. That sould be considered when
choosing a courtesy time for a AS8413-based system. When a RC circuit connected to the
supply voltage is applied to ALEN, the courtesy time after power-up is given by:
T
≈0.92 x R x C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com