Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8413 Datasheet(PDF) 7 Page - ams AG

Part # AS8413
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8413 Datasheet(HTML) 7 Page - ams AG

Back Button AS8413 Datasheet HTML 3Page - ams AG AS8413 Datasheet HTML 4Page - ams AG AS8413 Datasheet HTML 5Page - ams AG AS8413 Datasheet HTML 6Page - ams AG AS8413 Datasheet HTML 7Page - ams AG AS8413 Datasheet HTML 8Page - ams AG AS8413 Datasheet HTML 9Page - ams AG AS8413 Datasheet HTML 10Page - ams AG AS8413 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8413
March 2001
Page 7 of 15
Optionally one of the AS8413 ICs used in a system may have its built-in oscillator and generate
clock to the other IC from its COSC output. A driver would be needed, if IC’s are not adjacent.
Master/slave synchronization
The AS8413 is intended to be used in intrusion detector systems where more than one pair of
transducers is used. Each IC is able to control a single transmitter /receiver pair. In multiple-
transducer systems it is necessary that the bursts generated by each transmitter are synchro-
nized. Otherwise, the echoes may slip over each other and cause undesirable effects, such as
false alarms.
Each AS8413 IC can be programmed to be either a master that generates an external delayed
sync signal or a slave. This signal may come from the master or from an external circuit, such
as a microcontroller. The sync signal received at the slave is delayed by half transmission period
(22.2 ms) to the internal sync signal used by the master, in order to avoid burst superposition as
much as possible.
The AS8413 can be configured to operate under 3 possible conditions, by programming the
MODE input in one of the three possible conditions:
• logic ‘0’: slave (receives delayed sync)
• logic ‘1’: master in a multi-pair system (generates delayed sync)
• open: master in a single-pair system (AS8412 mode)
Ultrasonic Transducers
The AS8413 is compatible with standard 40-kHz ultrasonic transducers, available from several
manufacturers. For each IC, one transducer is used to transmit the sonar pulses and one other
to receive the echoes reflected inside the vehicle. Internal lengths up to 3.5 meters can be cov-
ered.
In most applications, just two pairs of sensors will be used. The sensors will typically be posi-
tioned at the B-pillars (central pillars), close to the roof, to provide the best possible coverage of
all the vehicle interior. Each pillar may have either a transmitter/receiver pair or two sensors of
the same kind. The first arrangement is recommended, as it allows a single box at each pillar
containing the AS8413 and the transducer pair controlled by it, thus decreasing cabling.
The outputs TX1 and TX2 drive the transmitter in a push-pull configuration with 10 V peak-to-
peak. As shown in Fig. 1, the transmission duty-cycle is very short (around 1/75), reducing the
average current needed to generate the ultrasonic bursts to about 0.05 mA per IC.
Shielded cable is mandatory for the receiver and recommended for the transmitter, unless they
are adjacent to the IC. The shield at the receiver cable must be grounded and connected to the
RXGND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com