Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8410 Datasheet (PDF) - ams AG

AS8410 Datasheet PDF - ams AG
Part # AS8410
Download  AS8410 Download
File Size   601.49 Kbytes
Page   19 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description PWM DC Motor Regulator

AS8410 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS8410 Datasheet PDF - ams AG

Part # AS8410
Download  AS8410 Click to download

File Size   601.49 Kbytes
Page   19 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description PWM DC Motor Regulator

AS8410 Datasheet (HTML) - ams AG


AS8410 Product details

Key Features
The AS8410 builds up a complete PWM DC Motor current regulation loop with an external n-channel power FET. A full diagnosis of motor failures with stand-alone failure handling procedures is integrated.
One of the most important features of this ASSP namely in automotive applications is the slew rate regulated switching of the external power FET. This technology enables two features of the DC motor regulator, which was up to now impossible to realise at the same time:

• An excellent EMC behaviour (very low RF emission in the whole frequency range)
• A high power efficiency > 95 % (fall / rise time < 150 ns)

A short overview of the main features of the AS8410 is given here below:

Main properties:
• Complete PWM DC motor regulator with an external power FET
• Single voltage supply in the range VB = 6 V … 35 V (Vpumpmax = 45 V)
• Analogue motor current regulation loop (two modes: set value as digital duty ratio of a low frequency (e.g. 10 Hz) or as an analogue voltage in the range Vin = 0 … 5 V)
• High power efficiency of the whole regulator module (> 95 %)
• Low RF emission in the whole frequency range
• Fully protected, analogue / digital failure handling procedures (see below: Security functions)
• Simple programming possibilities for different classes of DC motors and different operating modes (set value input, over temperature-handling procedure)
• Applicable directly on the automotive board supply battery (burst and surge)
• Automatic sleep mode controlled by the set value




Similar Part No. - AS8410

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AS8411 SUMIDA-AS8411 Datasheet
213Kb / 2P
LF Transmitter Antenna
AS8411-125A SUMIDA-AS8411-125A Datasheet
213Kb / 2P
LF Transmitter Antenna
AS8411-134A SUMIDA-AS8411-134A Datasheet
213Kb / 2P
LF Transmitter Antenna
logo
ams AG
AS8412 AMSCO-AS8412 Datasheet
116Kb / 14P
HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
AS8413 AMSCO-AS8413 Datasheet
125Kb / 15P
HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
More results


Similar Description - AS8410

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8846 AMSCO-AS8846 Datasheet
1Mb / 35P
Programmable PWM DC Motor Driver / Controller
AS8444 AMSCO-AS8444 Datasheet
45Kb / 1P
Programmable PWM DC Motor Driver / Controller
logo
Intersil Corporation
ISL62870 INTERSIL-ISL62870 Datasheet
483Kb / 16P
PWM DC/DC Voltage Regulator Controller
logo
Eutech Microelectronics...
EUM6867 EUTECH-EUM6867 Datasheet
81Kb / 1P
PWM Pre Driver for DC Fan Motor
logo
New Japan Radio
NJW4303 NJRC-NJW4303 Datasheet
345Kb / 28P
PWM 3-PHASE DC BRUSHLESS MOTOR CONTROLLER
NJW4305 NJRC-NJW4305 Datasheet
157Kb / 1P
PWM 3-PHASE DC BRUSHLESS MOTOR CONTROLLER
logo
Renesas Technology Corp
ISL62870 RENESAS-ISL62870 Datasheet
884Kb / 17P
PWM DC/DC Voltage Regulator Controller
logo
Shenzhen Huazhimei Semi...
HM3410C HMSEMI-HM3410C Datasheet
848Kb / 7P
PWM/PFM control DC-DC buck regulator
logo
Toshiba Semiconductor
TB67H450FNG TOSHIBA-TB67H450FNG Datasheet
495Kb / 22P
PWM Chopper Type DC Brushed Motor Driver
3.0
TB67H410FTG TOSHIBA-TB67H410FTG Datasheet
1Mb / 26P
PWM Chopper-Type Brushed DC Motor driver
2015-1-27
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com