Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8410 Datasheet(PDF) 2 Page - ams AG

Part # AS8410
Description  PWM DC Motor Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8410 Datasheet(HTML) 2 Page - ams AG

  AS8410 Datasheet HTML 1Page - ams AG AS8410 Datasheet HTML 2Page - ams AG AS8410 Datasheet HTML 3Page - ams AG AS8410 Datasheet HTML 4Page - ams AG AS8410 Datasheet HTML 5Page - ams AG AS8410 Datasheet HTML 6Page - ams AG AS8410 Datasheet HTML 7Page - ams AG AS8410 Datasheet HTML 8Page - ams AG AS8410 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PWM DC Motor Regulator – Data Sheet
AS8410
Rev. 1.0, December 2000
page 2 of 19
1 Key Features
The AS8410 builds up a complete PWM DC Motor current regulation loop with an external
n-channel power FET. A full diagnosis of motor failures with stand-alone failure handling
procedures is integrated.
One of the most important features of this ASSP namely in automotive applications is the
slew rate regulated switching of the external power FET. This technology enables two
features of the DC motor regulator, which was up to now impossible to realise at the same
time:
• An excellent EMC behaviour (very low RF emission in the whole frequency
range)
• A high power efficiency > 95 % (fall / rise time < 150 ns)
A short overview of the main features of the AS8410 is given here below:
Main properties:
• Complete PWM DC motor regulator with an external power FET
• Single voltage supply in the range VB = 6 V … 35 V (Vpump
max = 45 V)
• Analogue motor current regulation loop (two modes: set value as digital duty ratio of a
low frequency (e.g. 10 Hz) or as an analogue voltage in the range Vin = 0 … 5 V)
• High power efficiency of the whole regulator module (> 95 %)
• Low RF emission in the whole frequency range
• Fully protected, analogue / digital failure handling procedures (see below: Security
functions)
• Simple programming possibilities for different classes of DC motors and
different operating modes (set value input, over temperature-handling procedure)
• Applicable directly on the automotive board supply battery (burst and surge)
• Automatic sleep mode controlled by the set value
Security functions:
1. Extensive diagnosis of the DC motor and the power FET,
failures handling procedures and report of the failures:
1.1 Over current detection and protection
1.2 No load detection of the motor
1.3 Open wire detection (motor or power switch)
1.4 Short circuit of the power switch detection
1.5 Blocked motor detection and protection
1.6 Short-circuited motor segments detection and protection
1.7 Protection of the power FET and the ASIC, if the motor works in generator
mode
2. Over- / Under Voltage detection and protection
3. Over Temperature detection and protection in two modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com