Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8410 Datasheet(PDF) 19 Page - ams AG

Part # AS8410
Description  PWM DC Motor Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8410 Datasheet(HTML) 19 Page - ams AG

Back Button AS8410 Datasheet HTML 11Page - ams AG AS8410 Datasheet HTML 12Page - ams AG AS8410 Datasheet HTML 13Page - ams AG AS8410 Datasheet HTML 14Page - ams AG AS8410 Datasheet HTML 15Page - ams AG AS8410 Datasheet HTML 16Page - ams AG AS8410 Datasheet HTML 17Page - ams AG AS8410 Datasheet HTML 18Page - ams AG AS8410 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
PWM DC Motor Regulator – Data Sheet
AS8410
Rev. 1.0, December 2000
page 19 of 19
4.1.8.2
Over / Under Voltage Detection and Protection
The over / under voltage detection is used to prevent undefined system status.
Over or under voltage detected:
Handling:
a) switch off the motor
b) reuse the input set value, if the supply voltage returns in the
permissible range
Symbol
Parameter
min
typ
max
Unit
Note
Vbat
Monitored supply voltage
5
12
50
V
Vbat_min
Threshold voltage of the under voltage
detection
6,2
6,50
6,7
V
falling
Vbat_max
Threshold voltage of the over voltage
detection
32
33
34
V
rising
4.1.8.3
Over Temperature Detection and Protection
The over temperature detection is realised with an external temperature sensor (e.g. NTC re-
sistor) connected to the pin TP and the supply VDD. The threshold value of the temperature
detection is fixed at the voltage level VrefT = 0.5 *VDD at the pin TP.
Symbol
Parameter
min
typ
max
Unit
Note
VDD
5V supply at pin VDD
4,7
5,00
5,3
V
VrefT
Threshold voltage of the temperature
detection
0.5*VDD
V
1
VrefT_hys Hysteresis of the threshold voltage
50
mV
1
Over temperature if VTP < 0.5*VDD
No over temperature if VTP > 0.5*VDD
Cross current of the external resistor divider must be > 1 mA
Handling of the over temperature failure:
Operating Mode 1 (VMODE = high):
-
The Over Temperature reaction: 100 % duty ratio of the FET-driver output (perma-
nent switch on the motor) as long as the temperature is higher than the predefined
threshold value (typical automotive application, the heating source is not the electri-
cal system but the combustion engine to be cooled).
Operating Mode 2 (VMODE = low):
-
The Over Temperature reaction: The motor is regulated down to not cross the pre-
defined temperature threshold (like a thermostat if the heating source is the electrical
system itself).
Copyright
© 2000, Austria Mikro Systeme International AG, Schloß Premstätten, 8141 Unterpremstätten, Austria.
Tel.: +43-(0)3136-500-0, Fax: +43-(0)3136-52501, E-Mail: info@amsint.com
All rights reserved. No part of this publication may be reproduced, stored in a retrieval system, or transmitted, in any form or by any
means, without the prior permission in writing by the copyright holder. To the best of its knowledge, Austria Mikro Systeme Interna-
tional asserts that the information contained in this publication is accurate and correct.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com