Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8410 Datasheet(PDF) 16 Page - ams AG

Part # AS8410
Description  PWM DC Motor Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8410 Datasheet(HTML) 16 Page - ams AG

Back Button AS8410 Datasheet HTML 11Page - ams AG AS8410 Datasheet HTML 12Page - ams AG AS8410 Datasheet HTML 13Page - ams AG AS8410 Datasheet HTML 14Page - ams AG AS8410 Datasheet HTML 15Page - ams AG AS8410 Datasheet HTML 16Page - ams AG AS8410 Datasheet HTML 17Page - ams AG AS8410 Datasheet HTML 18Page - ams AG AS8410 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
PWM DC Motor Regulator – Data Sheet
AS8410
Rev. 1.0, December 2000
page 16 of 19
4.1.6
Oscillator, Reference Voltage / Current Generator
The oscillator is used to control the PWM generator and the charge pump with a frequency of
typical 18 kHz.
The reference current Iref of this oscillator is generated by a temperature compensated voltage
regulator which delivers a stable voltage of 1 V at pin OSC, the ROSC = 100 k
Ω at this pin gen-
erates the reference current. This reference current is used for other functions of this chip too
(see section 3).
Symbol
Parameter
min
typ
max
Unit
Note
VOSC
Reference voltage at pin OSC
0.96
1.00
1.04
V
fOSC
Oscillator frequency
17,0
18,0
19,0
kHz
Trise/fall
Rise or fall time of the clock
100
ns
Iref
Reference current
9,6
10,0
10,4
µA
1
1 I
ref must be generated by the external resistor ROSC = 100 k
Ω at the pin OSC
4.1.7
5V Regulator (bandgap reference)
The 5V-regulator generates the supply voltage for all internal low voltage blocks and the rough
reference voltage for the 1 V-regulator to generate the reference current Iref. This regulated 5 V
supply can also be used externally (e.g. for the temperature sensor at pin TP).
This externally usable 5 V will be switched off in the sleep mode.
Symbol
Parameter
min
typ
max
Unit
Note
Vbat
Supply voltage of the regulator
6,5
12
35
V
VDD
Regulated voltage
4,7
5,0
5,3
V
1
IVDD_OUT External load current at pin VDD
3
mA
1 external capacitor to ground C
VDD = 100 nF
4.1.8
Failures Detection, Failure Handling Procedures
Three different kinds of failure detections and protections are implemented:
1. Failure detection of the load circuit (DC motor and power FET)
1.1 Over current detection and protection
1.2 No load detection of the motor and protection
1.3 Open wire detection (motor or power switch)
1.4 Short circuit of the power switch detection
1.5 Blocked motor detection and protection
1.6 Short-circuited motor segments detection and protection
1.7 Protection of the power FET and the ASIC, if the motor works in generator mode
2. Failure detection of the supply voltage Vbat (Over- / Under Voltage)
3. Over Temperature detection and protection in two modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com