Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8410 Datasheet(PDF) 10 Page - ams AG

Part # AS8410
Description  PWM DC Motor Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8410 Datasheet(HTML) 10 Page - ams AG

Back Button AS8410 Datasheet HTML 6Page - ams AG AS8410 Datasheet HTML 7Page - ams AG AS8410 Datasheet HTML 8Page - ams AG AS8410 Datasheet HTML 9Page - ams AG AS8410 Datasheet HTML 10Page - ams AG AS8410 Datasheet HTML 11Page - ams AG AS8410 Datasheet HTML 12Page - ams AG AS8410 Datasheet HTML 13Page - ams AG AS8410 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PWM DC Motor Regulator – Data Sheet
AS8410
Rev. 1.0, December 2000
page 10 of 19
4 Functional Description and Electrical
P a rameters
The main functions of this PWM-Switch-Regulator are summarised in section 1.3.
The normal regulation loop is build by an analogue difference-integrator, both the input set
value at pin IN and the measured motor current (at pins CMp and CMn) are transformed to the
chip internal control signals. The difference signal is integrated on the capacitor connected to
the pin Cint1 and the voltage at this pin is controlling the PWM generator and closes so the
regulation loop. So the regulation time constant can be determined in width range by the exter-
nal capacitor at the pin Cint1.
The AS8410 can be used in two different modes controlled by the pin MODE :
Operating Mode 1 (OM1: VMODE = high):
-
The set value must be given at pin IN as the duty ration of a low frequency digital
signal (fIN > 10 Hz).
-
The Over Temperature reaction: 100 % duty ratio of the FET-driver output (perma-
nent switch on the motor) as long as the temperature is higher than the predefined
threshold value (typical automotive application, the heating source is not the electri-
cal system but the combustion engine).
Operating Mode 2 (OM2: VMODE = low):
-
The set value must be given at pin IN as analogue voltage in the range
VIN = 0 … 5 V
-
The Over Temperature reaction: The motor is regulated down to not cross the pre-
defined temperature threshold (like a thermostat if the heating source is the electrical
system itself).
The adaptation of the AS8410 to the DC motor (nominal motor current and power FET) will be
realised by the value of the motor current measurement resistor Rmeas and by the slew rate con-
trolling currents into the pins SRC1 and SRC2 as described in section 3.4.1.
The detection of the different kinds of motor failures is realised by comparing the actual meas-
ured motor working point and the normal motor characteristic. Each motor failure is then treated
by the AS8410 with an adapted failure handling procedure described in section 3.4.2.
A failure report signal is generated and sent to the pin IN by pull down this pin.
Also the over temperature and the over / under voltage failure are treated by the AS8410 itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com