Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8410 Datasheet(PDF) 4 Page - ams AG

Part # AS8410
Description  PWM DC Motor Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8410 Datasheet(HTML) 4 Page - ams AG

  AS8410 Datasheet HTML 1Page - ams AG AS8410 Datasheet HTML 2Page - ams AG AS8410 Datasheet HTML 3Page - ams AG AS8410 Datasheet HTML 4Page - ams AG AS8410 Datasheet HTML 5Page - ams AG AS8410 Datasheet HTML 6Page - ams AG AS8410 Datasheet HTML 7Page - ams AG AS8410 Datasheet HTML 8Page - ams AG AS8410 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PWM DC Motor Regulator – Data Sheet
AS8410
Rev. 1.0, December 2000
page 4 of 19
Maximal Ratings (ASSP out of operation)
Symbol
Parameter
min
max
Unit
Note
Vbat
Supply voltage
-0,5
50
V
Vpump
Pumped supply
-0,5
50
V
1
VDD
Regulated 5V-supply
-0,5
7
V
IIMmax
Maximal input currents
-30
30
mA
VIN < VIN min or
VIN > Vbat
VINA
Analogue input voltage
- 0.3
35
V
2
Isrc1 or Isrc2 Input currents at pins SRC1 or
SRC2
2
mA
Θ
STG
Storage Temperature
-55
150
°C
Θ
LEAD
Solder Temperature
260
°C
3
PTOT
Maximal power dissipation
0.4
W
ESD
Electrostatic discharge voltage
1000
V
4
1 GND = Ground
2 except for Pins SRC1 and SRC2
3 260 °C for 10 s (reflow soldering), 360 °C for 3 s (manual soldering)
4 HBM: R = 1.5 k
Ω, C = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com