Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8410 Datasheet(PDF) 14 Page - ams AG

Part # AS8410
Description  PWM DC Motor Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8410 Datasheet(HTML) 14 Page - ams AG

Back Button AS8410 Datasheet HTML 10Page - ams AG AS8410 Datasheet HTML 11Page - ams AG AS8410 Datasheet HTML 12Page - ams AG AS8410 Datasheet HTML 13Page - ams AG AS8410 Datasheet HTML 14Page - ams AG AS8410 Datasheet HTML 15Page - ams AG AS8410 Datasheet HTML 16Page - ams AG AS8410 Datasheet HTML 17Page - ams AG AS8410 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
PWM DC Motor Regulator – Data Sheet
AS8410
Rev. 1.0, December 2000
page 14 of 19
4.1.2
Regulator Characteristic, PWM Generator
The external set value, incoming at pin IN, is transformed in both modes (OM1 and OM2) to the
internal dc voltage in the range 0 … 2 V corresponding to 0 % … 100 % set value.
A function generator transforms then this set value voltage to a function with two different gradi-
ents:
a) The input range 0 % … 50 % is transformed to the output range 0 % … 20 %
b) The input range 50 % … 100 % is transformed to the output range
In this way the resolution of the set value input is higher in the first half of the input range (low
motor currents: 0% … 20%) than in the second half one (higher motor currents 20% … 100%).
A special behaviour is implemented for very low input set values in the following way for the
operating mode 1 (OM1) and operating mode 2 (OM2):
a) OM2: For low input set values (< 10%) the system is put in sleep mode
Condition: (P00 or P10) and (/MODE)
b) OM1: For very low input set values (0 < set value < 5%, duty ratio nearly or
equal 0 is taken as input failure: short circuit of the input line to ground),
the internal set value is put to 100 %
àsecurity mode: The motor is
permanently switched on and so cooling the heating engine.
For input set values in the range 5% < set value < 10% the system is put in a
special sleep mode.
The difference of the set value output of this block and the internal control value coming from
the motor measurement unit is controlling the PWM generator (voltage at the pin Cint1) and so
generating the duty ratio of the 20 kHz PWM signal what controls the power FET driver.
The time constant of this regulation loop can be chosen in very width ranges by the external
capacitor connected at the pin Cint1.
4.1.3
Power FET driver, Slew rate regulation
The Power FET driver is controlled in two different ways:
First by the digital output of the PWM generator to realise the duty ratio of the motor drive and
so to regulate the motor current in the closed loop.
Second by the analogue motor voltage to regulate the slew rate during the rising and falling
edge of the motor voltage. This control is executed by an external feedback of the motor voltage
to the pins SRC1 (rising edge) and SRC2 (falling edge). The two currents incoming to these
pins are amplified by a factor of about 1000 and drive then the gate of the external power FET.
The supply voltage of this driver is about 10 V higher than the Vbat (n-channel power FET) and
is delivered by the on chip charge pump at pin Vpump.
Symbol
Parameter
min
typ
max
Unit
Note
Vpump
Pumped supply voltage
11
Vbat+10
43,00
V
VSRC1/SRC2 Voltage at the pins SRC1 or SRC2
0.70
0.90
V
1
ISRC1 or
ISRC2
Input current into the pins SRC1 or SRC2
400
µA
IOUT
Output current pin OUT
-300
300
mA
2
IOUT/ISRC1
IOUT/ISRC2
Current amplification factor (high currents)
900
1100
1600
3
IOUT/ISRC1
IOUT/ISRC2
Current amplification factor (low currents)
900
1400
1700
4
tS
Delay
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com