Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8410 Datasheet(PDF) 5 Page - ams AG

Part # AS8410
Description  PWM DC Motor Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8410 Datasheet(HTML) 5 Page - ams AG

  AS8410 Datasheet HTML 1Page - ams AG AS8410 Datasheet HTML 2Page - ams AG AS8410 Datasheet HTML 3Page - ams AG AS8410 Datasheet HTML 4Page - ams AG AS8410 Datasheet HTML 5Page - ams AG AS8410 Datasheet HTML 6Page - ams AG AS8410 Datasheet HTML 7Page - ams AG AS8410 Datasheet HTML 8Page - ams AG AS8410 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
PWM DC Motor Regulator – Data Sheet
AS8410
Rev. 1.0, December 2000
page 5 of 19
Operating Conditions
The following conditions are valid in the temperature range
Θ
RT = -40 °C to +120 °C and the
supply voltage range Vbat = 6.5 V to 35 V.
Symbol
Parameter
min
typ
max
Unit
Note
Vbat
Supply voltage
6.5
12
35
V
IDDA
Current consumption in sleep
mode (power down mode)
400
µA 1
IDDB
Current consumption (at Vbat in
normal mode 1 or 2)
10
mA
2
Vpump Pumped supply voltage
11
Vbat+10
45
V
VDD
Regulated 5V-supply
4,7
5,0
5,3
V
ISRC1,
ISRC2
max. current into the current
inputs SRC1 or SRC2
400
µA 3
VIN
Voltage at set value input pin IN GND - 0,3
Vbat + 0,5
V
VMODE
Voltage at the MODE pin
GND - 0,3
Vbat + 0,5
V
VCMP,
VCMN
Voltage at the current meas-
urement input pins CMp, CMN
GND - 3,5
Vbat + 0,5
V
Vout
Voltage at the output pin OUT
GND - 0,3
Vpump
V
Iout
Max. output current at pin OUT
(t < 1
µs)
-300
300
mA
4
Vanalog Analogue input voltage
GND - 0,3
VDD + 0,5
V
5
1 valid in mode 2 only (MODE = low) and Vbat = 12 V
2 without output current at pin OUT
3 the inputs SRC1 and SRC2 must be current limited by the external circuitry (max. 400
µA)
4 max. duration of the current pulse = 1
µs
5 valid for the pins OSC, TP, Cint1, Cint2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com