Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8410 Datasheet(PDF) 13 Page - ams AG

Part # AS8410
Description  PWM DC Motor Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8410 Datasheet(HTML) 13 Page - ams AG

Back Button AS8410 Datasheet HTML 9Page - ams AG AS8410 Datasheet HTML 10Page - ams AG AS8410 Datasheet HTML 11Page - ams AG AS8410 Datasheet HTML 12Page - ams AG AS8410 Datasheet HTML 13Page - ams AG AS8410 Datasheet HTML 14Page - ams AG AS8410 Datasheet HTML 15Page - ams AG AS8410 Datasheet HTML 16Page - ams AG AS8410 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PWM DC Motor Regulator – Data Sheet
AS8410
Rev. 1.0, December 2000
page 13 of 19
Fig. 4.2 Monitoring of the set value (generation of the signals P00 and P10)
Symbol
Parameter
min
typ
max
Unit
Note
Operating Mode selection MODE
VMODE_low Low-level of MODE
4,3
V
VMODE_high High-level of MODE
5,7
Vbat
V
Set value input signal IN (OM1)
fIN
Frequency of the PWM set value input
10
Hz
Duty
Duty ratio of the PWM input
0
100
%
VIN_low
Low-level of the PWM input
0
3,35
V
VIN_high
High-level of the PWM input
3,65
Vbat
V
ICint2
Switched current high level at pin Cint2
9,8
10,0
10,4
µA
Set value input signal IN (OM2)
VIN_OM2
Input voltage range of VIN (0 % … 100 %)
0
5
V
Signal conditioning of the signal at the pin IN
IIN_high
High level current at pin IN (internal pull up)
2.7
3.6
mA
IIN_failure
Failure signal current at pin IN (internal pull down)
3.0
10.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com