Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8410 Datasheet(PDF) 17 Page - ams AG

Part # AS8410
Description  PWM DC Motor Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8410 Datasheet(HTML) 17 Page - ams AG

Back Button AS8410 Datasheet HTML 11Page - ams AG AS8410 Datasheet HTML 12Page - ams AG AS8410 Datasheet HTML 13Page - ams AG AS8410 Datasheet HTML 14Page - ams AG AS8410 Datasheet HTML 15Page - ams AG AS8410 Datasheet HTML 16Page - ams AG AS8410 Datasheet HTML 17Page - ams AG AS8410 Datasheet HTML 18Page - ams AG AS8410 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
PWM DC Motor Regulator – Data Sheet
AS8410
Rev. 1.0, December 2000
page 17 of 19
For all detected failures an adequate failure handling procedure is integrated to fully protect the
motor regulator module. This failure procedures works without interaction of the controlling
µP
and so the AS8410 can also be used to develop regulator modules without
µP. Nevertheless
the most important failures are reported in operating mode 1 (OM1) by pull down the set value
input pin IN with a current source (3 mA … 10 mA).
4.1.8.1
Motor Failures
The principle of the load circuit (motor and power FET) failure detection and handling procedures
is the following:
a) Motor failure detection principle: The motor current at the high side of the motor and the
average value of the motor voltage is permanently measured. In this way the actual
motor working point is monitored and permanently compared with the normal motor
characteristic. This comparison delivers then the different motor or power FET failures.
b) Failure handling procedures: After the detection of any motor or power FET failure, the
control of the motor is taken by internal settings (no longer by the input set value IN) to
protect the whole system.
After a predefined time the AS8410 restarts the control by the input set value again and
monitors the motor and power FET.
This procedure is repeated up the failure disappears (or the controlling
µP is executing
a protection reaction by itself).
The main internal setting values and reactions of the different load circuit failures in OM1 are
listed here below:
1. Over current or short circuit of the motor
Handling:
a) switch off the motor immediately (delay < 1
µs)
b) report of the failure at the pin IN
c) check the failure condition again after a waiting time
d) reuse the input set value, if the over current condition is over
2. No load of the motor
Handling:
a) report of the failure at the pin IN
b) internal setting of the set value to 75 %
c) reuse the input set value, if the no load condition is over
3. Open wire (motor or power FET line)
Handling:
a) report of the failure at the pin IN
b) internal setting of the set value to 75 %
c) reuse the input set value, if the open wire condition is over
4. Short-circuited power switch (power FET)
Handling:
a) report of the failure at the pin IN
b) internal setting of the set value to 75 %
c) reuse the input set value, if the short-circuit condition is over
5. Mechanically blocked motor
Handling:
a) report of the failure at the pin IN
b) pull down the motor
c) check the failure condition again after a waiting time
d) reuse the input set value, if the blocked motor condition is over



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com