Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-2 Datasheet (PDF) - Analog Devices

ADA4077-2 Datasheet PDF - Analog Devices
Part # ADA4077-2
Download  ADA4077-2 Download
File Size   503.0 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.

ADA4077-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4077-2 Datasheet PDF - Analog Devices

Part # ADA4077-2
Download  ADA4077-2 Click to download

File Size   503.0 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.

ADA4077-2 Datasheet (HTML) - Analog Devices


ADA4077-2 Product details

GENERAL DESCRIPTION
The single ADA4077-1, dual ADA4077-2, and quad ADA4077-4 amplifiers feature extremely low offset voltage and drift, and low input bias current, noise, and power consumption. Outputs are stable with capacitive loads of more than 1000 pF with no external compensation.
Applications for this amplifier include sensor signal conditioning (such as thermocouples, resistance temperature detectors (RTDs), strain gages), process control front-end amplifiers, and precision diode power measurement in optical and wireless transmission systems. The ADA4077-1/ADA4077-2/ADA4077-4 are useful in line powered and portable instrumentation, precision filters, and voltage or current measurement and level setting.
Unlike other amplifiers, the ADA4077-1/ADA4077-2/ADA4077-4 have an MSL1 rating that is compliant with the most stringent of assembly processes, and they are specified over the extended industrial temperature range from −40°C to +125°C for the most demanding operating environments.
The ADA4077-1 and ADA4077-2 are available in an 8-lead SOIC package, including the B grade, and in an 8-lead MSOP (A grade only). The ADA4077-4 is offered in a 14-lead TSSOP and a 14-lead SOIC package.

FEATURES
   Offset voltage:
      25 μV maximum at 25°C (B grade, 8-lead SOIC, single/ dual)
      50 μV maximum at 25°C (A grade, 8-lead SOIC, single/ dual)
      50 μV maximum at 25°C (A grade, 14-lead SOIC, quad)
   Offset voltage drift:
      0.25 μV/°C maximum (B grade, 8-lead SOIC, single/dual)
      0.55 μV/°C maximum (A grade, 8-lead SOIC, single/dual)
      0.75 μV/°C maximum (A grade, 14-lead SOIC, quad)
   MSL1 rated
   Low input bias current: 1 nA maximum at TA = 25°C
   Low voltage noise density: 6.9 nV/√Hz typical at f = 1000 Hz
   CMRR, PSRR, and AV > 120 dB minimum
   Low supply current: 400 μA per amplifier typical
   Wide gain bandwidth product: 3.9 MHz at ±5 V
   Dual-supply operation:
      Specified at ±5 V to ±15 V
      Operates at ±2.5 V to ±15 V
   Unity gain stable
   No phase reversal
   Long-term offset voltage drift (10,000 hours): 0.5 μV typical
   Temperature hysteresis: 1 μV typical

APPLICATIONS
   Process control front-end amplifiers
   Optical network control circuits
   Instrumentation
   Precision sensors and controls
   Precision filters




Similar Part No. - ADA4077-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4077-2 AD-ADA4077-2 Datasheet
744Kb / 25P
4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
Rev. D
ADA4077-2 AD-ADA4077-2 Datasheet
6Mb / 25P
4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers
Rev. F
ADA4077-2 AD-ADA4077-2 Datasheet
261Kb / 8P
Dual Universal Precision Op Amp Evaluation Board
Rev. C
ADA4077-2 AD-ADA4077-2 Datasheet
563Kb / 10P
Fully Automatic High Performance Conductivity Measurement System
Rev. C
ADA4077-2ARMZ AD-ADA4077-2ARMZ Datasheet
744Kb / 25P
4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
Rev. D
More results


Similar Description - ADA4077-2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7094 NJRC-NJU7094 Datasheet
288Kb / 9P
LOW-POWER AND LOW-OFFSET-VOLTAGE DUAL C-MOS OPERATIONAL AMPLIFIER?
logo
National Semiconductor ...
LF412 NSC-LF412 Datasheet
565Kb / 13P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
ON Semiconductor
NCP1249 ONSEMI-NCP1249 Datasheet
1Mb / 31P
High-Voltage Current-Mode PWM Controller Featuring Peak Power Excursion and Extremely Low Stand-by Power Consumption
June, 2013 ??Rev. 0
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
Richtek Technology Corp...
RT9167B RICHTEK-RT9167B Datasheet
206Kb / 10P
The RT9167B is a 300mA low dropout and low noise
logo
Unisonic Technologies
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
STMicroelectronics
STPMS2 STMICROELECTRONICS-STPMS2 Datasheet
1Mb / 36P
Programmable chopper-stabilized low noise and low offset amplifier
09-Mar-2016
logo
Texas Instruments
LF412-N-MIL TI1-LF412-N-MIL Datasheet
3Mb / 22P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Maxim Integrated Produc...
MAX44242 MAXIM-MAX44242_V01 Datasheet
994Kb / 11P
20V, Low Input Bias-Current, Low-Noise, Dual Op Amplifier
2022
logo
New Japan Radio
NJM2749 NJRC-NJM2749 Datasheet
606Kb / 12P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
Ver.2017-07-31
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com