Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4077-2
Description  The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4077-2 Datasheet HTML 3Page - Analog Devices ADA4077-2 Datasheet HTML 4Page - Analog Devices ADA4077-2 Datasheet HTML 5Page - Analog Devices ADA4077-2 Datasheet HTML 6Page - Analog Devices ADA4077-2 Datasheet HTML 7Page - Analog Devices ADA4077-2 Datasheet HTML 8Page - Analog Devices ADA4077-2 Datasheet HTML 9Page - Analog Devices ADA4077-2 Datasheet HTML 10Page - Analog Devices ADA4077-2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADA4077-2
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 6. Offset Voltage Distribution
Figure 7. Offset Voltage Distribution
Figure 8. Offset Voltage vs. Temperature
Figure 9. Offset Voltage Distribution
Figure 10. Offset Voltage Distribution
Figure 11. Offset Voltage vs. Temperature
0
20
40
VOS (µV)
60
80
100
120
VSY = ±5V
MSOP
VOS (µV)
0
20
40
60
80
100
120
140
160
180
200
VSY = ±5V
SOIC
–10
–8
–6
–4
–2
0
2
4
6
8
10
–50
0
50
TEMPERATURE (°C)
–25
25
75
100
125
VSY = ±5V
0
20
40
60
80
100
120
140
VOS (µV)
VSY = ±15V
MSOP
VOS (µV)
0
20
40
60
80
100
120
140
160
180
200
VSY = ±15V
SOIC
0
2
4
6
8
10
12
14
16
–50
0
50
TEMPERATURE (°C)
–25
25
75
100
125
VSY = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com