Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4077-2
Description  The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4077-2 Datasheet HTML 1Page - Analog Devices ADA4077-2 Datasheet HTML 2Page - Analog Devices ADA4077-2 Datasheet HTML 3Page - Analog Devices ADA4077-2 Datasheet HTML 4Page - Analog Devices ADA4077-2 Datasheet HTML 5Page - Analog Devices ADA4077-2 Datasheet HTML 6Page - Analog Devices ADA4077-2 Datasheet HTML 7Page - Analog Devices ADA4077-2 Datasheet HTML 8Page - Analog Devices ADA4077-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
4 MHz, 7 nV/√Hz, Low Offset and
Drift, High Precision Amplifier
Data Sheet
ADA4077-2
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low offset voltage (maximum specifications)
B-Grade: 25 µV (SOIC)
A-Grade: 50 µV (SOIC), 90 µV (MSOP)
Very low offset voltage drift
B-Grade: 0.25 µV/°C (SOIC)
A-Grade: 0.55 µV/°C (SOIC) and 1.2 µV/°C (MSOP), specified
over −40°C to +125°C, MSL1 rated
Low input bias current: 1.0 nA maximum
Low noise: 7 nV/√Hz typical
CMRR, PSRR, and AVO > 120 dB minimum
Low supply current: 400 µA per amplifier typical
Wide bandwidth: 4.0 MHz
Dual-supply operation: ±5 V to ±15 V
Unity-gain stable
No phase reversal
APPLICATIONS
Process control front-end amplifiers
Wireless base station control circuits
Optical network control circuits
Instrumentation
Sensors and controls: thermocouples, resistor thermal
detectors (RTDs), strain bridges, and shunt current
measurements
Precision filters
GENERAL DESCRIPTION
The ADA4077-2 is a dual amplifier featuring extremely low offset
voltage and drift and low input bias current, noise, and power
consumption. Outputs are stable with capacitive loads of more
than 1000 pF with no external compensation.
Applications for this amplifier include sensor signal conditioning
(such as thermocouples, RTDs, strain gauges), process control
front-end amplifiers, and precision diode power measurement
in optical and wireless transmission systems. The ADA4077-2 is
useful in line powered and portable instrumentation, precision
filters, and voltage or current measurement and level setting.
Unlike the amplifiers of some competitors, the ADA4077-2 is
specified over the extended industrial temperature range for
operation from −40°C to +125°C with MSL1 rating for the most
demanding operating environments. It is available in 8-lead SOIC
(including the B-Grade) and MSOP (A-Grade only) packages.
PIN CONNECTION DIAGRAMS
Figure 1. ADA4077-2 Pin Configuration, 8-Lead MSOP
Figure 2. ADA4077-2 Pin Configuration, 8-Lead SOIC_N
Figure 3. Offset Voltage Distribution
Table 1. Evolution of Precision Devices by Generation
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4077-2
TOP VIEW
(Not to Scale)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4077-2
TOP VIEW
(Not to Scale)
VOS (µV)
0
20
40
60
80
100
120
140
160
180
200
VSY = ±5V
SOIC
Op Amp
1st
2nd
3rd
4th
5th
6th
Single
OP07
OP77
OP177
OP1177
AD8677
Dual
OP2177
ADA4077-2
Quad
OP4177


Similar Part No. - ADA4077-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4077-2 AD-ADA4077-2 Datasheet
744Kb / 25P
4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
Rev. D
ADA4077-2 AD-ADA4077-2 Datasheet
6Mb / 25P
4 MHz, 7 nV/√Hz, Low Offset and Drift, High Precision Amplifiers
Rev. F
ADA4077-2 AD-ADA4077-2 Datasheet
261Kb / 8P
Dual Universal Precision Op Amp Evaluation Board
Rev. C
ADA4077-2 AD-ADA4077-2 Datasheet
563Kb / 10P
Fully Automatic High Performance Conductivity Measurement System
Rev. C
ADA4077-2ARMZ AD-ADA4077-2ARMZ Datasheet
744Kb / 25P
4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
Rev. D
More results

Similar Description - ADA4077-2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7094 NJRC-NJU7094 Datasheet
288Kb / 9P
LOW-POWER AND LOW-OFFSET-VOLTAGE DUAL C-MOS OPERATIONAL AMPLIFIER?
logo
National Semiconductor ...
LF412 NSC-LF412 Datasheet
565Kb / 13P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
ON Semiconductor
NCP1249 ONSEMI-NCP1249 Datasheet
1Mb / 31P
High-Voltage Current-Mode PWM Controller Featuring Peak Power Excursion and Extremely Low Stand-by Power Consumption
June, 2013 ??Rev. 0
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
Richtek Technology Corp...
RT9167B RICHTEK-RT9167B Datasheet
206Kb / 10P
The RT9167B is a 300mA low dropout and low noise
logo
Unisonic Technologies
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
STMicroelectronics
STPMS2 STMICROELECTRONICS-STPMS2 Datasheet
1Mb / 36P
Programmable chopper-stabilized low noise and low offset amplifier
09-Mar-2016
logo
Texas Instruments
LF412-N-MIL TI1-LF412-N-MIL Datasheet
3Mb / 22P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Maxim Integrated Produc...
MAX44242 MAXIM-MAX44242_V01 Datasheet
994Kb / 11P
20V, Low Input Bias-Current, Low-Noise, Dual Op Amplifier
2022
logo
New Japan Radio
NJM2749 NJRC-NJM2749 Datasheet
606Kb / 12P
Low Offset, Low Drift Dual JFET Input Operational Amplifier
Ver.2017-07-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com