Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4077-2
Description  The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4077-2 Datasheet HTML 5Page - Analog Devices ADA4077-2 Datasheet HTML 6Page - Analog Devices ADA4077-2 Datasheet HTML 7Page - Analog Devices ADA4077-2 Datasheet HTML 8Page - Analog Devices ADA4077-2 Datasheet HTML 9Page - Analog Devices ADA4077-2 Datasheet HTML 10Page - Analog Devices ADA4077-2 Datasheet HTML 11Page - Analog Devices ADA4077-2 Datasheet HTML 12Page - Analog Devices ADA4077-2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADA4077-2
Rev. 0 | Page 9 of 20
Figure 18. Input Bias Current
Figure 19. Input Bias Current vs. Temperature
Figure 20. VOL vs. Load
Figure 21. Input Bias Current
Figure 22. Input Bias Current vs. Temperature
Figure 23. VOL vs. Load
350
0
INPUT BIAS CURRENT (nA)
50
100
150
200
250
300
VSY = ±5V
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
–50
0
50
100
–25
TEMPERATURE (°C)
25
75
125
+IB
–IB
VSY = ±5V
1800
1200
0.001
10
LOAD CURRENT (mA)
1400
1600
0.01
0.1
1
VSY = ±5V
400
0
INPUT BIAS CURRENT (nA)
50
100
150
200
250
300
350
VSY = ±15V
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
–50
0
50
100
–25
TEMPERATURE (°C)
25
75
125
+IB
–IB
VSY = ±15V
1800
1200
0.001
10
LOAD CURRENT (mA)
1400
1600
0.01
0.1
1
VSY = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com