Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4077-2
Description  The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4077-2 Datasheet HTML 11Page - Analog Devices ADA4077-2 Datasheet HTML 12Page - Analog Devices ADA4077-2 Datasheet HTML 13Page - Analog Devices ADA4077-2 Datasheet HTML 14Page - Analog Devices ADA4077-2 Datasheet HTML 15Page - Analog Devices ADA4077-2 Datasheet HTML 16Page - Analog Devices ADA4077-2 Datasheet HTML 17Page - Analog Devices ADA4077-2 Datasheet HTML 18Page - Analog Devices ADA4077-2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADA4077-2
Rev. 0 | Page 15 of 20
Figure 54. THD + N vs. Frequency
Figure 55. 0.1 Hz to 10 Hz Noise
Figure 56. THD + N vs. Frequency
Figure 57. 0.1 Hz to 10 Hz Noise
Figure 58. Channel Separation
0.001
0.0001
10
10k
1k
100
100k
FREQUENCY (Hz)
VSY = ±5V
RL = 10kΩ
VIN = 1V rms
AV = +1
TIME (1s/DIV)
VSY = ±5V
VCM = 0V
0.001
0.0001
10
10k
1k
100
100k
FREQUENCY (Hz)
VSY = ±15V
RL = 10kΩ
VIN = 1V rms
AV = +1
TIME (1s/DIV)
VSY = ±15V
VCM = 0V
0
–160
–140
–120
–100
–80
–60
–40
–20
100
100k
10k
1k
1M
FREQUENCY (Hz)
VSY = ±15V
VIN = 3.5V p-p
AV = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com